Electronic Components Datasheet Search
  English  ▼

X  

IRPLDIM2A Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # IRPLDIM2A
Description  Digitally Addressable DALI Dimming Ballast Reference Design
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IRPLDIM2A Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button IRPLDIM2A Datasheet HTML 7Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 8Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 9Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 10Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 11Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 12Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 13Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 14Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
www.irf.com
15
IRPLDIM2a
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245 Tel: (310) 252-7105
Data and specifications subject to change without notice. 8/23/2002
43
3
R9, R16, R30
Resistor, 100KOhm, SMT 1206
Panasonic
ERJ-8GEY100KV
44
2
R10, R11
Resistor, 820KOhm, SMT 1206
Panasonic
ERJ-8GEY820KV
45
1
R17
Resistor, 1M Ohm, SMT1206
Panasonic
ERJ-8GEY1MV
46
1
R8
Resistor, 1 Ohm, 1/2 Watt
Yageo
1.0QBK
47
1
R18
Resistor, 0.75 Ohm, 1/2 Watt
Yageo
48
1
R19
Resistor, 100K Ohm, 1/2 Watt
Yageo
49
1
R4
Resistor, 330 K Ohm, 1/2W
Yageo
50
1
R5
Resistor, 1M Ohm, 1/2W
Yageo
51
2
R26, R27
Resistor, 10 Ohm, SMT1206
Panasonic
52
1
R22
Resistor, 130 K Ohm, 0.5W
Yageo
53
1
R23
Resistor, 470 KOhm, SMT1206
Panasonic
54
1
R31
Resistor, 360KOhm, SMT1206
Panasonic
55
1
R28
Resistor, 4.7 KOhm, SMT 1206
Panasonic
56
1
R29
Resistor, 2.2 KOhm, SMT 1206
Panasonic
57
1
R32
Resistor, 75K, SMT 1206
Panasonic
58
2
R25, R37
Resistor, 47 KOhm, SMT1206
Panasonic
59
1
F1
Resistor, 0.5 Ohm, ½ Watt
Dale
CW-1/2
60
1
IC1
PFC IC for PWR FACTOR
ST
L6561D
61
1
IC2
IC, Dimming Ballast Controller
IR
IR21592
62
2
U1, U2
Mini-flat package Photo coupler
SHARP
PC357NT
63
1
U3
Micro-controller PDIP
Microchip
PIC16F628P
64
1
T1
SOT23 MP Transistor NPN
Digi-Key
FMMT491ACT-ND
65
1
BR2
.5A 200V Mini SM Bridge
Rect.
General
Semiconductors
MB2S
66
1
X1
Connector, 2 terminal
Wago
67
1
X2
Connector, 4 terminal
Wago
68
1
X3
Phone Connector RJ11
69
7
J1, J2, J3, J4, J5, J6, J7
Jumper
70
8
R01, R02, R03, R04, R05,
R06, R07, R08
Resistor, 0 Ohm, SMT 1206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com