Electronic Components Datasheet Search
  English  ▼

X  

IL260B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IL260B
Description  High Speed Five Channel Digital Coupler
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IL260B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IL260B Datasheet HTML 1Page - List of Unclassifed Manufacturers IL260B Datasheet HTML 2Page - List of Unclassifed Manufacturers IL260B Datasheet HTML 3Page - List of Unclassifed Manufacturers IL260B Datasheet HTML 4Page - List of Unclassifed Manufacturers IL260B Datasheet HTML 5Page - List of Unclassifed Manufacturers IL260B Datasheet HTML 6Page - List of Unclassifed Manufacturers IL260B Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Recommended Operating Conditions
Parameters
Symbol
Min.
Max.
Units
Ambient Operating Temperature
TA
-40
85
o
C
Supply Voltage (5.0 V operation)
VDD1,VDD2
4.5
5.5
Volts
Logic High Input Voltage
VIH
2.4
VDD
Volts
Logic Low Input Voltage
VIL
0
0.8
Volts
Minimum Signal Rise and Fall Times
tIR,tIF
1
µsec
Absolute Maximum Ratings
Parameters
Symbol
Min.
Max.
Units
Storage Temperature
TS
-55
175
o
C
Ambient Operating Temperature(1)
TA
-55
125
o
C
Supply Voltage
VDD1,VDD2
-0.5
7
Volts
Input Voltage
VI
-0.5
VDD+0.5
Volts
Output Voltage
VO
-0.5
VDD+0.5
Volts
Output Current Drive Channel
IO
10
mA
Lead Solder Temperature (10s)
280
o
C
ESD
2kV Human Body Model
Insulation Specifications
Parameter
Symbol
Min
Typ.
Max.
Units
Test Condition
Barrier Impedance
>1014 ||7
Ω || pF
Creepage Distance (External)
8.077 (0.3'' SOIC)
mm
4.026 (0.15'' SOIC)
Leakage Current
0.2
µA
240 VRMS
Model
Pollution
Material
Max Working
Package Type
Degree
Group
Voltage
16–SOIC (0.3'') 16–SOIC (0.15'')
IL260, IL261
II
III
300 VRMS
IL260-3, IL261-3
II
III
150 VRMS
IEC61010-1*
TUV Certificate Numbers: Pending
Classification as Table 1.
UL 1577*
Component Recognition program. File # Pending
Rated 2500Vrms for 1min.
* UL & IEC approval is pending for the these parts.
2
RHOPOINT COMPONENTS
Hurst Green, Oxted, Surrey RH8 9AX UK
Telephone: +44 (0) 870 608 1188
Fax: +44 (0) 870 241 2255
Internet: www.rhopointcomponents.com
IL26XISOLOOP®
Package Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Capacitance (Input-Output)(5)
CI-O
4.0
pF
f= 1MHz
Thermal Resistance
θJCT
o
C/W
Thermocouple located at
0.15'' 16-Pin SOIC
40
center underside of package
0.30'' 16-Pin SOIC
28
Package Power Dissipation
PPD
65
mW
f= 1MHz ,VDD=5V
Preliminary



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com