Electronic Components Datasheet Search
  English  ▼

X  

CD610816C Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # CD610816C
Description  Dual Diode Isolated Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

CD610816C Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  CD610816C Datasheet HTML 1Page - Inchange Semiconductor Company Limited CD610816C Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
CD610816C
Dual Diode Isolated Module
FEATURES
·
Electrically Isolated Heatsinking
·
Metal Baseplate
·
Low Thermal Impedance For Improved Current Capability
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Power supplies
·
Bridge Circuits
·
AC/DC Motor Drives
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VR
Repetitive Peak Reverse Voltage
800
V
IF(AV)
Average Forward Current
180°conduction,TC=100℃
160
A
IFSM
Non-Repetitive, Peak On Cycle
Surge Forward Current
60Hz,100%
VRRM reapplied, TJ=150℃
3500
A
60Hz,No
VRRM reapplied,TJ=150℃
4200
50Hz,100%
VRRM reapplied,TJ=150℃
3350
50Hz,No
VRRM reapplied,TJ=150℃
4000
Viso
Isolated Voltage
TC=25℃,1sec
2500
V
TJ
Junction Temperature
-40~150
℃
Tstg
Storage Temperature Range
-40~150
℃


Similar Part No. - CD610816C

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
CD610816C PAM-CD610816C Datasheet
490Kb / 4P
POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CD610816C PAM-CD610816C Datasheet
490Kb / 4P
POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CD610816C PAM-CD610816C Datasheet
490Kb / 4P
POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CD610816C PAM-CD610816C Datasheet
490Kb / 4P
POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
More results

Similar Description - CD610816C

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QRD4518001 POWEREX-QRD4518001 Datasheet
763Kb / 5P
Dual Diode Isolated Module 180 Amperes/4500 Volts
LD421843 POWEREX-LD421843 Datasheet
354Kb / 5P
Dual SCR/Diode Isolated Module
ND420625 POWEREX-ND420625_12 Datasheet
144Kb / 5P
Dual SCR/Diode Isolated Module
ND420821 POWEREX-ND420821 Datasheet
140Kb / 4P
Dual SCR/Diode Isolated Module
CD620815B POWEREX-CD620815B Datasheet
115Kb / 4P
Dual SCR/Diode Isolated Module
CD420890C POWEREX-CD420890C Datasheet
461Kb / 4P
Dual SCR/Diode Isolated Module
CD420890B POWEREX-CD420890B Datasheet
120Kb / 4P
Dual SCR/Diode Isolated Module
PD421207 POWEREX-PD421207_12 Datasheet
376Kb / 5P
Dual SCR / Diode Isolated Module
ND470625 POWEREX-ND470625_12 Datasheet
142Kb / 5P
Dual SCR/Diode Isolated Module
logo
Inchange Semiconductor ...
LD412060 ISC-LD412060_V01 Datasheet
296Kb / 2P
Dual Diode Isolated Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com