Electronic Components Datasheet Search
  English  ▼

X  

FPC06149 Datasheet(PDF) 2 Page - Knowles Electronics

Part # FPC06149
Description  4 to 8GHz 10dB Directional Coupler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

FPC06149 Datasheet(HTML) 2 Page - Knowles Electronics

  FPC06149 Datasheet HTML 1Page - Knowles Electronics FPC06149 Datasheet HTML 2Page - Knowles Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4 to 8GHz 10dB Directional Coupler
FPC06149
www.knowlescapacitors.com
2777 Route 20 East, Cazenovia, NY 13035| Ph.: (315)655-8710 | KCCSales@knowles.com
February 2018
Recommended PCB Layout
Physical Dimensions
Top
Bottom
Side
50Ω trace dimensions are application specific.
Ensure adequate grounding beneath the part.
Trace feed locations can be horizontal, vertical
or angled.
Units = Inches



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com