Electronic Components Datasheet Search
  English  ▼

X  

FPC06150 Datasheet(PDF) 2 Page - Knowles Electronics

Part # FPC06150
Description  8 to 12GHz 10dB Directional Coupler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

FPC06150 Datasheet(HTML) 2 Page - Knowles Electronics

  FPC06150 Datasheet HTML 1Page - Knowles Electronics FPC06150 Datasheet HTML 2Page - Knowles Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
8 to 12GHz 10dB Directional Coupler
FPC06150
www.knowlescapacitors.com
2777 Route 20 East, Cazenovia, NY 13035| Ph: (315)655-8710 | KCCSales@knowles.com
February 2018
Recommended PCB Layout
Physical Dimensions
Top
Bottom
50Ω trace dimensions are application specific.
Ensure adequate grounding beneath the part.
Trace feed locations can be horizontal, verti-
cal, or angled.
Side
Units = mils



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com