Electronic Components Datasheet Search
  English  ▼

X  

FPC06151 Datasheet(PDF) 1 Page - Knowles Electronics

Part # FPC06151
Description  12 to 18GHz 10dB Directional Coupler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

FPC06151 Datasheet(HTML) 1 Page - Knowles Electronics

  FPC06151 Datasheet HTML 1Page - Knowles Electronics FPC06151 Datasheet HTML 2Page - Knowles Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12 to 18GHz 10dB Directional Coupler
FPC06151
www.knowlescapacitors.com
2777 Route 20 East, Cazenovia, NY 13035| Ph.: (315)655-8710 | KCCSales@knowles.com
March 2018
DESCRIPTION
DLI introduces its new high frequency surface
mountable catalog direction couplers. These
couplers incorporate DLI’s high dielectric
ceramic materials which provide small size and
minimal performance variation over temperature.
The components are well matched for
monitoring incident and reflected power.
FEATURES
Small Size
Fully Shielded Component
Wirebond
Moisture Sensitivity Level: MSL1
Frequency Stable over Temperature
Operating & Storage Temp: -55˚C to +125˚C
Characteristic Impedance: 50Ω
SPECIFICATIONS*
*Typical measured performance mounted on RO4350B test board at 25°C.
Typical Measured Performance
Parameter
Frequency
(GHz)
Min
Max
Passband Insertion Loss* (dB)
0.5
12 - 18
Passband Return Loss (dB)
12
Coupling (dB)
9
11
Directivity (dB)
10
Input Power
TBD
Size (LxWxH)
0.100 x .080 x .015 in
2.54 x 2.032 x .381mm
*Electrical specifications based on typical mounted performance at room
temperature. Insertion loss shall vary ±0.5dB over temperature.


Similar Part No. - FPC06151

ManufacturerPart #DatasheetDescription
logo
Knowles Capacitors All ...
FPC06151 JOHANSONMANUFACTURING-FPC06151 Datasheet
1Mb / 4P
12 to 18GHz 10dB Directional Coupler
June 2024
FPC06151-T JOHANSONMANUFACTURING-FPC06151-T Datasheet
1Mb / 4P
12 to 18GHz 10dB Directional Coupler
June 2024
More results

Similar Description - FPC06151

ManufacturerPart #DatasheetDescription
logo
Dielectric Laboratories...
FPC06073 DILABS-FPC06073 Datasheet
351Kb / 2P
4 to 8GHz 10dB Directional Coupler
FPC06075 DILABS-FPC06075 Datasheet
345Kb / 2P
12 to 18GHz 10dB Directional Coupler
FPC06078 DILABS-FPC06078 Datasheet
337Kb / 2P
12 to 18GHz 20dB Directional Coupler
logo
Knowles Electronics
FPC06074 KNOWLES-FPC06074 Datasheet
300Kb / 2P
8 to 12GHz 10dB Directional Coupler
FPC06075 KNOWLES-FPC06075 Datasheet
345Kb / 2P
12 to 18GHz 10dB Directional Coupler
FPC06078 KNOWLES-FPC06078 Datasheet
337Kb / 2P
12 to 18GHz 20dB Directional Coupler
FPC06149 KNOWLES-FPC06149 Datasheet
317Kb / 2P
4 to 8GHz 10dB Directional Coupler
FPC06150 KNOWLES-FPC06150 Datasheet
304Kb / 2P
8 to 12GHz 10dB Directional Coupler
FPC06154 KNOWLES-FPC06154 Datasheet
295Kb / 2P
12 to 18GHz 20dB Directional Coupler
FPC06719 KNOWLES-FPC06719 Datasheet
350Kb / 2P
6 to 18GHz 10dB Symmetrical Directional Coupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com