Electronic Components Datasheet Search
  English  ▼

X  

FPC06152 Datasheet(PDF) 1 Page - Knowles Electronics

Part # FPC06152
Description  4 to 8GHz 20dB Directional Coupler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

FPC06152 Datasheet(HTML) 1 Page - Knowles Electronics

  FPC06152 Datasheet HTML 1Page - Knowles Electronics FPC06152 Datasheet HTML 2Page - Knowles Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4 to 8GHz 20dB Directional Coupler
FPC06152
www.knowlescapacitors.com
2777 Route 20 East, Cazenovia, NY 13035| Ph.: (315)655-8710 | KCCSales@knowles.com
February 2018
DESCRIPTION
DLI introduces its new high frequency surface
mountable catalog direction couplers. These
couplers incorporate DLI’s high dielectric
ceramic materials which provide small size and
minimal performance variation over temperature.
The components are well matched for
monitoring incident and reflected power.
FEATURES
Small Size
Fully Shielded Component
Wirebond
Moisture Sensitivity Level: MSL1
Frequency Stable over Temperature
Operating & Storage Temp: -55˚C to +125˚C
Characteristic Impedance: 50Ω
SPECIFICATIONS*
*Typical measured performance mounted on RO4350B test board at 25°C.
Typical Measured Performance
Parameter
Frequency
(GHz)
Min
Max
Passband Insertion Loss* (dB)
0.3
4 - 8
Passband Return Loss (dB)
15
Coupling (dB)
20
22
Directivity (dB)
16
Input Power
TBD
Size (LxWxH)
0.170 x .080 x .015 in
4.572 x 2.032 x .381mm
*Electrical specifications based on typical mounted performance at room
temperature. Insertion loss shall vary ±0.5dB over temperature.


Similar Part No. - FPC06152

ManufacturerPart #DatasheetDescription
logo
Knowles Capacitors All ...
FPC06152 JOHANSONMANUFACTURING-FPC06152 Datasheet
1Mb / 4P
4 to 8GHz 20dB Directional Coupler
June 2024
FPC06152-T JOHANSONMANUFACTURING-FPC06152-T Datasheet
1Mb / 4P
4 to 8GHz 20dB Directional Coupler
June 2024
More results

Similar Description - FPC06152

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC1500A-20S ANAREN-XC1500A-20S Datasheet
126Kb / 2P
20dB Directional Coupler
XC3500P-20S ANAREN-XC3500P-20S Datasheet
608Kb / 22P
20dB Directional Coupler
XC1500A-20S ANAREN-XC1500A-20S_14 Datasheet
560Kb / 23P
20dB Directional Coupler
XC3500M-20S ANAREN-XC3500M-20S_09 Datasheet
563Kb / 23P
20dB Directional Coupler
logo
Dielectric Laboratories...
FPC06073 DILABS-FPC06073 Datasheet
351Kb / 2P
4 to 8GHz 10dB Directional Coupler
FPC06076 DILABS-FPC06076 Datasheet
340Kb / 2P
4 to 8GHz 20dB Directional Coupler
logo
Knowles Electronics
FPC06073 KNOWLES-FPC06073 Datasheet
351Kb / 2P
4 to 8GHz 10dB Directional Coupler
FPC06076 KNOWLES-FPC06076 Datasheet
340Kb / 2P
4 to 8GHz 20dB Directional Coupler
logo
Anaren Microwave
X3C30F1-20S ANAREN-X3C30F1-20S Datasheet
1Mb / 18P
Directional Coupler 20dB
logo
Knowles Electronics
FPC06149 KNOWLES-FPC06149 Datasheet
317Kb / 2P
4 to 8GHz 10dB Directional Coupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com