Electronic Components Datasheet Search
  English  ▼

X  

PCA9537 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9537
Description  4-bit I2C and SMBus low power I/O port with interrupt and reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9537 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9537 Datasheet HTML 7Page - NXP Semiconductors PCA9537 Datasheet HTML 8Page - NXP Semiconductors PCA9537 Datasheet HTML 9Page - NXP Semiconductors PCA9537 Datasheet HTML 10Page - NXP Semiconductors PCA9537 Datasheet HTML 11Page - NXP Semiconductors PCA9537 Datasheet HTML 12Page - NXP Semiconductors PCA9537 Datasheet HTML 13Page - NXP Semiconductors PCA9537 Datasheet HTML 14Page - NXP Semiconductors PCA9537 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Philips Semiconductors
Product data sheet
PCA9537
4-bit I2C and SMBus low power I/O port
with interrupt and reset
2004 Nov 29
11
AC SPECIFICATIONS
SYMBOL
PARAMETER
STANDARD MODE
I2C-bus
FAST MODE
I2C-bus
UNITS
MIN
MAX
MIN
MAX
fSCL
Operating frequency
0
100
0
400
kHz
tBUF
Bus free time between STOP and START conditions
4.7
—
1.3
—
µs
tHD;STA
Hold time after (repeated) START condition
4.0
—
0.6
—
µs
tSU;STA
Repeated START condition setup time
4.7
—
0.6
—
µs
tSU;STO
Setup time for STOP condition
4.0
—
0.6
—
µs
tHD;DAT
Data in hold time
0
—
0
—
ns
tVD;ACK
Valid time for ACK condition2
0.3
3.45
0.1
0.9
µs
tVD;DAT
Data out valid time3
300
—
50
—
ns
tSU;DAT
Data setup time
250
—
100
—
ns
tLOW
Clock LOW period
4.7
—
1.3
—
µs
tHIGH
Clock HIGH period
4.0
—
0.6
—
µs
tF
Clock/Data fall time
—
300
20 + 0.1 Cb1
300
ns
tR
Clock/Data rise time
—
1000
20 + 0.1 Cb1
300
ns
tSP
Pulse width of spikes that must be suppressed by the
input filters
—
50
—
50
ns
Port Timing
tPV
Output data valid
—
200
—
200
ns
tPS
Input data setup time
100
—
100
—
ns
tPH
Input data hold time
1
—
1
—
µs
Interrupt Timing
tIV
Interrupt valid
—
4
—
4
µs
tIR
Interrupt reset
—
4
—
4
µs
RESET
tW
Reset pulse width
4
—
4
—
ns
tREC
Reset recovery time
0
—
0
—
ns
tRESET
Time to reset
400
—
400
—
ns
NOTES:
1. Cb = total capacitance of one bus line in pF.
2. tVD;ACK = time for Acknowledgement signal from SCL LOW to SDA (out) LOW.
3. tVD;DAT = minimum time for SDA data out to be valid following SCL LOW.
tSP
tBUF
tHD;STA
P
P
S
tLOW
tR
tHD;DAT
tF
tHIGH
tSU;DAT
tSU;STA
Sr
tHD;STA
tSU;STO
SDA
SCL
SU00645
Figure 12. Definition of timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com