Electronic Components Datasheet Search
  English  ▼

X  

3511 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 3511
Description  PC POWER SUPPLY SUPERVISORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3511 Datasheet(HTML) 1 Page - Unisonic Technologies

  3511 Datasheet HTML 1Page - Unisonic Technologies 3511 Datasheet HTML 2Page - Unisonic Technologies 3511 Datasheet HTML 3Page - Unisonic Technologies 3511 Datasheet HTML 4Page - Unisonic Technologies 3511 Datasheet HTML 5Page - Unisonic Technologies 3511 Datasheet HTML 6Page - Unisonic Technologies 3511 Datasheet HTML 7Page - Unisonic Technologies 3511 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
3511
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-015.D
PC POWER SUPPLY
SUPERVISORS
DESCRIPTION
The UTC 3511 is designed to provide the voltage, and current
supervisor function, power good output (PGO), fault protection
latch (FPL_N), and protection detector function (PDON_N) control
for switching power systems.
For supervisor function, it provides the over voltage detector
(OVD) monitoring for 3.3V, 5V, 12V; the under voltage detector
(UVD) monitoring for 3.3V, 5V. When 3.3V or 5V voltage is
decreasing to 2.69V, 4.3V respectively, the under voltage
detector (UVD) function will be enabled to reset the PGO signal
from high to low,and the FPL_N is latched HIGH. When 3.3V, 5V
or 12V voltage is increasing to 3.9V, 6.1V or 13.4V respectively,
the over voltage detector (OVD) function will be enabled to reset
the PGO signal from high to low, and the FPL_N is latched HIGH.
To achieve better immunity for lighting surge glitch and to
prevent accidental power shut down during dynamic loading
condition, the de-bounce time for UVD and OVD is 73us. The
power supply is turned on after 38mS de-bounce time when
FPL_N signal is set from high to low.
FEATURES
* Over Voltage Detector (OVD) for 3.3V, 5V, 12V.
* Under Voltage Detector (UVD) for 3.3V, 5V.
* Open Drain Output for PGO and FPL_N.
* 300 ms power good delay.
* 75 ms delay for 3.3V and 5V turn on.
* 38 ms PDON_N control De-bounce.
* 2.4 ms PDON_N control to FPL_N turn-off delay.
* De-bounce time 73 μs for UVD/OVD.
* Wide supply voltage range from 4V ~ 15V.
DIP-8
SOP-8
■
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
3511L-D08-T
3511G-D08-T
DIP-8
Tube
-
3511G-S08-R
SOP-8
Tape Reel


Similar Part No. - 3511

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3511 UTC-3511 Datasheet
55Kb / 7P
CMOS IC
logo
Lumberg
3511 LUMBERG-3511 Datasheet
117Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
logo
List of Unclassifed Man...
3511 ETC2-3511 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
logo
Lumberg
3511 LUMBERG-3511 Datasheet
560Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
logo
Peregrine Semiconductor...
3511-00 PEREGRINE-3511-00 Datasheet
224Kb / 8P
1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
More results

Similar Description - 3511

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6513 ETC-SG6513 Datasheet
227Kb / 11P
PC Power Supply Supervisors
logo
Texas Instruments
LP7510 TI-LP7510 Datasheet
2Mb / 12P
PC POWER SUPPLY SUPERVISORS
logo
Fairchild Semiconductor
SG6516 FAIRCHILD-SG6516 Datasheet
504Kb / 12P
PC Power Supply Supervisors
SG6510X1 FAIRCHILD-SG6510X1 Datasheet
267Kb / 9P
PC Power Supply Supervisors
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
PC Power Supply Supervisors
logo
Unisonic Technologies
S3515 UTC-S3515 Datasheet
202Kb / 8P
PC POWER SUPPLY SUPERVISORS
S3525 UTC-S3525 Datasheet
303Kb / 9P
PC POWER SUPPLY SUPERVISORS
logo
Texas Instruments
TPS3510DR TI-TPS3510DR Datasheet
520Kb / 18P
PC POWER SUPPLY SUPERVISORS
logo
Unisonic Technologies
3510 UTC-3510_15 Datasheet
328Kb / 8P
PC POWER SUPPLY SUPERVISORS
S3515 UTC-S3515_15 Datasheet
202Kb / 8P
PC POWER SUPPLY SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com