Electronic Components Datasheet Search
  English  ▼

X  

US107 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # US107
Description  POWER DISTRIBUTION SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US107 Datasheet(HTML) 4 Page - Unisonic Technologies

  US107 Datasheet HTML 1Page - Unisonic Technologies US107 Datasheet HTML 2Page - Unisonic Technologies US107 Datasheet HTML 3Page - Unisonic Technologies US107 Datasheet HTML 4Page - Unisonic Technologies US107 Datasheet HTML 5Page - Unisonic Technologies US107 Datasheet HTML 6Page - Unisonic Technologies US107 Datasheet HTML 7Page - Unisonic Technologies US107 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
US107
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R129-004.d
ELECTRICAL CHARACTERISTICS (VIN=5V, CIN=1µF, COUT=1µF, RL=10Ω, TA=25°C)
The device is not guaranteed to function outside its operating conditions. Parameters with MIN and/or MAX limits are
100% tested at +25°C, unless otherwise specified.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage Rage
VIN
3.0
5.5
V
Output MOS RDS(ON)
RDS(ON)
70
85
mΩ
Supply Current
ION
130
190
µA
Shutdown Supply Current
IOFF
0.1
1
µA
VIN=5V
1.4
1.8
ms
Output Turn-on Rising Time
TON
RL=10Ω, 90% Settling
VIN=3.3V
2
2.4
ms
US107A
2.2
2.5
2.8
A
US107B
1.7
2.0
2.3
A
Over Current Trigger Point
ILIMIT
US107C
1.2
1.5
1.8
A
US107A, VIN>3.5V and VOUT<1V
1.6
A
US107B, VIN>3.5V and VOUT<1V
1.3
A
Fold-Back Current
ISC(FB)
US107C, VIN>3.5V and VOUT<1V
1.0
A
EN Input Threshold-High VIH
VIH
1.2
V
EN Input Threshold-Low VIL
VIL
0.6
V
Shutdown Pull Low Resistance
RPD
300
Ω
Output Leakage Current
IO(LEAK) EN=”0”, VOUT=0V
0.5
1
µA
VIN Under Voltage Lockout
VUVLO
VIN Increasing
2.2
2.4
2.9
V
VIN Under Voltage Hysteresis
∆VUVLO VIN Decreasing
200
mV
Thermal Limit
TSD
140
°C
Thermal Limit Hysteresis
∆TSD
20
°C
OC Deglitch
TD
OC Assertion or Deassertion
4
9
15
ms
OC Output Low Voltage
V OC _OFF I OC =2mA
0.4
V
OC Off-State Current
I OC_OFF V OC =5V
1
µA
Output Reverse-Voltage Trigger
Point (VOUT-VIN)
VREV
VIN=5V
10
200
450
mV
Output Reverse-Current Trigger
Point
IREV
200
400
800
mA
Output Reverse-Voltage Deglitch
Time
TDREV
VIN=5V
3
5
7
ms
tIOS Response Time to Short Circuit
tIOS
VIN=5V, See Figure 1,2
1.5
µs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com