Electronic Components Datasheet Search
  English  ▼

X  

ML9051 Datasheet(PDF) 21 Page - OKI electronic componets

Part # ML9051
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9051 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button ML9051 Datasheet HTML 17Page - OKI electronic componets ML9051 Datasheet HTML 18Page - OKI electronic componets ML9051 Datasheet HTML 19Page - OKI electronic componets ML9051 Datasheet HTML 20Page - OKI electronic componets ML9051 Datasheet HTML 21Page - OKI electronic componets ML9051 Datasheet HTML 22Page - OKI electronic componets ML9051 Datasheet HTML 23Page - OKI electronic componets ML9051 Datasheet HTML 24Page - OKI electronic componets ML9051 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
¡ Semiconductor
ML9050/9051
21/71
PEDL9050-02
• Voltage adjustment circuit
The voltage multiplier output VOUT produces the LCD drive voltage V1 via the voltage
adjustment circuit. Since the ML9050/9051 incorporates a high accuracy constant voltage
generator,a64-levelelectronicpotentiometerfunction,andalsoresistorsforvoltageV1adjustment,
it is possible to build a high accuracy voltage adjustment circuit with very few components. In
addition, the ML9050/9051 is available in three models with the temperature gradients of - (1)
about -0.05%/˚C, (2) about -0.2%/˚C, and (3) external input (input to pin VRS), as a VREG option.
(a) When the internal resistors for voltage V1 adjustment are used
It is possible to control the LCD power supply voltage V1 and adjust the intensity of LCD display
using commands and without needing any external resistors, if the internal voltage V1 adjustment
resistors and the electronic potentiometer function are used. The voltage V1 can be obtained by
the following equation A-1 in the range of V1<VOUT.
V1 = (1+(Rb/Ra)) • VEV = (1+(Rb/Ra)) • (1–(a/324)) • VREG (Eqn. A-1)
Fig. 9
VREG is a constant voltage generated inside the IC and its value is constant as given in Table 9
at Ta = 25˚C.
+
–
VSS
V1
Internal Ra
Internal Rb
VEV (Constant voltage generator +
electronic potentiometer)
Fig. 8
*1:
The voltage range of VIN should be set so that the voltage at the pin VOUT does not exceed
the absolute maximum rating.
VOUT = 7 ¥ VIN
= 17.5V
*1 VIN = 2.5 V
VSS = 0 V
VOUT = 6 ¥ VIN
= 18 V
*1 VIN = 3 V
VSS = 0 V
Voltage relationship in 7-times multiplication
Voltage relationship in 6-times multiplication
The voltage relationships in voltage multiplication are shown in Fig. 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com