Electronic Components Datasheet Search
  English  ▼

X  

ICS950602 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS950602
Description  Programmable Timing Control Hub for PII/III
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950602 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS950602 Datasheet HTML 1Page - Integrated Circuit Systems ICS950602 Datasheet HTML 2Page - Integrated Circuit Systems ICS950602 Datasheet HTML 3Page - Integrated Circuit Systems ICS950602 Datasheet HTML 4Page - Integrated Circuit Systems ICS950602 Datasheet HTML 5Page - Integrated Circuit Systems ICS950602 Datasheet HTML 6Page - Integrated Circuit Systems ICS950602 Datasheet HTML 7Page - Integrated Circuit Systems ICS950602 Datasheet HTML 8Page - Integrated Circuit Systems ICS950602 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Integrated
Circuit
Systems, Inc.
ICS950602
0469B—12/18/02
Block Diagram
Pin Configuration
Recommended Application:
VIA Mobile PL133T and PLE133T Chipsets.
Output Features:
2 - CPU clocks @ 2.5V
1 - Pairs of differential CPU clocks @ 3.3V
7 - PCI including 1 free running @ 3.3V
7 - SDRAM @ 3.3V
1 - 48MHz @ 3.3V fixed
1 - 24_48MHz selectable @ 3.3V
2 - REF @ 3.3V, 14.318MHz
Features/Benefits:
Programmable output frequency.
Programmable output divider ratios.
Programmable output rise/fall time.
Programmable output skew.
Programmable spread percentage for EMI control.
Watchdog timer technology to reset system
if system malfunctions.
Programmable watch dog safe frequency.
Support I
2C Index read/write and block read/write
operations.
Uses external 14.318MHz crystal.
Key Specifications:
CPU Output Jitter <200ps
CPU Output Skew <175ps
PCI to PCI Output Skew <500ps
Programmable Timing Control Hub™ for PII/III™
* Internal Pull-up resistor of 120K to VDD
** these inputs have 120K internal pull-down
to GND
48-Pin SSOP & TSSOP
GND
*FS2/REF1
REF0
Vtt_PWRGD#
VDDREF
GND
X1
X2
VDDPCI
*FS4/PCICLK_F
*FS3/PCICLK0
GND
PCICLK1
PCICLK2
PCICLK3
PCICLK4
PCICLK5
SDRAM_IN
*CPU_STOP#
*PCI_STOP#
*PD#
**MULTISEL
GND
SDATA
CPUCLK0
CPUCLK1
VDDCPU_2.5
VDDCPU_3.3
CPUCLKT
CPUCLKC
GND
RESET#
I REF
SDRAM6
GND
SDRAM0
SDRAM1
VDDSDRAM
SDRAM2
SDRAM3
GND
SDRAM4
SDRAM5
VDDSDRAM
AVDD48
48MHz/FS0*
24_48MHz/FS1*
SCLK
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
Host Swing Select Functions
0
L
E
S
I
T
L
U
M
t
e
g
r
a
T
d
r
a
o
B
Z
m
r
e
T
/
e
c
a
r
T
,
R
e
c
n
e
r
e
f
e
R
V
=
f
e
r
I
D
D
)
r
R
*
3
(
/
t
u
p
t
u
O
t
n
e
r
r
u
C
Z
@
h
o
V
0s
m
h
o
0
5
,
%
1
1
2
2
=
r
R
A
m
0
0
.
5
=
f
e
r
I
F
E
R
I
*
4
=
h
o
I0
5
@
V
0
.
1
1s
m
h
o
0
5
,
%
1
5
7
4
=
r
R
A
m
2
3
.
2
=
f
e
r
I
F
E
R
I
*
6
=
h
o
I0
5
@
V
7
.
0


Similar Part No. - ICS950602

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS950602 RENESAS-ICS950602 Datasheet
332Kb / 17P
Programmable Timing Control Hub™ for PII/III™
2019
More results

Similar Description - ICS950602

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950201 ICST-ICS950201 Datasheet
206Kb / 16P
Programmable Timing Control Hub??for P4?
ICS950910 ICST-ICS950910 Datasheet
183Kb / 20P
Programmable Timing Control Hub for P4
ICS950508 ICST-ICS950508 Datasheet
161Kb / 19P
Programmable Timing Control HubTM for PII/IIITTM
ICS950703 ICST-ICS950703 Datasheet
158Kb / 24P
PROGRAMMABLE TIMING CONTROL HUB FOR P4
ICS950208 ICST-ICS950208 Datasheet
133Kb / 19P
Programmable Timing Control Hub for P4
ICS950220 ICST-ICS950220 Datasheet
170Kb / 20P
Programmable Timing Control Hub??for P4?
logo
Integrated Device Techn...
ICS950910 IDT-ICS950910 Datasheet
218Kb / 21P
Programmable Timing Control Hub??for P4?
logo
Integrated Circuit Solu...
ICS950220AFLFT ICSI-ICS950220AFLFT Datasheet
238Kb / 20P
Programmable Timing Control Hub??for P4?
logo
Renesas Technology Corp
ICS950508 RENESAS-ICS950508 Datasheet
353Kb / 20P
Programmable Timing Control Hub™ for PII/III™
2019
ICS950602 RENESAS-ICS950602 Datasheet
332Kb / 17P
Programmable Timing Control Hub™ for PII/III™
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com