Electronic Components Datasheet Search
  English  ▼

X  

ICS950602YFT Datasheet(PDF) 16 Page - Integrated Circuit Systems

Part # ICS950602YFT
Description  Programmable Timing Control Hub for PII/III
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950602YFT Datasheet(HTML) 16 Page - Integrated Circuit Systems

Back Button ICS950602YFT Datasheet HTML 8Page - Integrated Circuit Systems ICS950602YFT Datasheet HTML 9Page - Integrated Circuit Systems ICS950602YFT Datasheet HTML 10Page - Integrated Circuit Systems ICS950602YFT Datasheet HTML 11Page - Integrated Circuit Systems ICS950602YFT Datasheet HTML 12Page - Integrated Circuit Systems ICS950602YFT Datasheet HTML 13Page - Integrated Circuit Systems ICS950602YFT Datasheet HTML 14Page - Integrated Circuit Systems ICS950602YFT Datasheet HTML 15Page - Integrated Circuit Systems ICS950602YFT Datasheet HTML 16Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
Integrated
Circuit
Systems, Inc.
ICS950602
0469B—12/18/02
Ordering Information
ICS950602yGT
Designation for tape and reel packaging
Package Type
G = TSSOP
Revision Designator (will not correlate with datasheet revision)
Device Type
Prefix
ICS, AV = Standard Device
Example:
ICS XXXX y G - T
6.10 mm. Body, 0.50 mm. pitch TSSOP
(240 mil)
(20 mil)
MIN
MAX
MIN
MAX
A--
1.20
--
.047
A1
0.05
0.15
.002
.006
A2
0.80
1.05
.032
.041
b
0.17
0.27
.007
.011
c
0.09
0.20
.0035
.008
D
E
E1
6.00
6.20
.236
.244
e
L
0.45
0.75
.018
.030
N
α
0°
8°
0°
8°
aaa
--
0.10
--
.004
VARIATIONS
MIN
MAX
MIN
MAX
48
12.40
12.60
.488
.496
10-0039
N
D mm.
D (inch)
Reference Doc.: JEDEC Publication 95, MO-153
0.50 BASIC
0.020 BASIC
SEE VARIATIONS
SEE VARIATIONS
SEE VARIATIONS
SEE VARIATIONS
8.10 BASIC
0.319 BASIC
SYMBOL
In Millimeters
In Inches
COMMON DIMENSIONS COMMON DIMENSIONS
INDEX
AREA
INDEX
AREA
12
1 2
N
D
E1
E
a
SEATING
PLANE
SEATING
PLANE
A1
A
A2
e
-C-
- C -
b
c
L
aaa C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com