Electronic Components Datasheet Search
  English  ▼

X  

IRF3711S Datasheet(PDF) 2 Page - International Rectifier

Part # IRF3711S
Description  POWER MANAGEMENT CHIPSET FOR 3-PHASE VRM 9.0 CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3711S Datasheet(HTML) 2 Page - International Rectifier

  IRF3711S Datasheet HTML 1Page - International Rectifier IRF3711S Datasheet HTML 2Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Rev. 1.0
06/26/02
IRUK3055CQ01
www.irf.com
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information
Data and specifications subject to change without notice. 02/01
TYPICAL APPLICATION CIRCUIT
Figure 1 - Application circuit of a 3-phase Buck converter using the IRUK3055CQ01TR chipset.
VOUT = 1.5V @ 60A
Vcc
D4
Ref
Rt
SS
D3
D2
D1
D0
Comp
Fb
V CL1
V CL23
HDrv1
OCSet
LDrv1
PGnd1/
OCGnd
CS1
HDrv2
LDrv2
PGnd2
CS2
HDrv3
LDrv3
PGnd3
CS3
5V
22nF
C12
R6
27K
C9
1uF
R3
47K
C10
0.1uF
C1
1uF
C2
0.1uF
C3
1uF
R1
12V
Q1
IRF3704S
Q2
IRF3711S
Q3
IRF3704S
Q4
IRF3711S
Q5
IRF3704S
Q6
IRF3711S
L2
C13
L4
C11
R5
1.5K
L3
C8
C14
8x 2700uF
1uH
1uH
1uH
IRU3055
C5
1uF
C6
6 x 1500uF
R4
1.5K
R2
1.5K
1uF
1.5V / 60A
L1
1uH
C4
1000uF
1uF
1uF
D1
100pF
C7
(Optional)
2.2K



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com