Electronic Components Datasheet Search
  English  ▼

X  

HM17 Datasheet(PDF) 2 Page - TT Electronics.

Part # HM17
Description  Radial Lead Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM17 Datasheet(HTML) 2 Page - TT Electronics.

  HM17 Datasheet HTML 1Page - TT Electronics. HM17 Datasheet HTML 2Page - TT Electronics. HM17 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2009/10 EDITION
We reserve the right to change specifications without prior notice.
18
Inductance
Test
DCR
Part
Lo
Tolerance(1) Freq.
Irated (2)
(Ω)
Number
(µH)
(%)
(kHz)
(A)
Max.
HM17-895100LF
10
± 20%
100
2.60
0.04
HM17-895120LF
12
± 20%
100
2.60
0.04
HM17-895150LF
15
± 20%
100
2.10
0.05
HM17-895180LF
18
± 20%
100
2.00
0.05
HM17-895220LF
22
± 20%
100
1.70
0.06
HM17-895270LF
27
± 20%
100
1.60
0.06
HM17-895330LF
33
± 20%
100
1.40
0.07
HM17-895390LF
39
± 20%
100
1.40
0.08
HM17-895470LF
47
± 20%
100
1.30
0.10
HM17-895560LF
56
± 20%
100
1.20
0.11
HM17-895680LF
68
± 20%
100
1.10
0.14
HM17-895820LF
82
± 20%
100
1.00
0.16
HM17-895101LF
100
± 10%
1
0.90
0.19
HM17-895121LF
120
± 10%
1
0.82
0.22
HM17-895151LF
150
± 10%
1
0.74
0.27
HM17-895181LF
180
± 10%
1
0.71
0.31
HM17-895221LF
220
± 10%
1
0.64
0.38
HM17-895271LF
270
± 10%
1
0.57
0.53
HM17-895331LF
330
± 10%
1
0.51
0.61
HM17-895391LF
390
± 10%
1
0.48
0.69
HM17-895471LF
470
± 10%
1
0.43
0.89
HM17-895561LF
560
± 10%
1
0.40
1.01
HM17-895681LF
680
± 10%
1
0.35
1.18
HM17-895821LF
820
± 10%
1
0.32
1.57
HM17-895102LF
1000
± 10%
1
0.30
1.84
HM17-895122LF
1200
± 10%
1
0.27
2.10
HM17-895152LF
1500
± 10%
1
0.23
2.80
HM17-895182LF
1800
± 10%
1
0.21
3.21
HM17-895222LF
2200
± 10%
1
0.19
4.21
HM17-895272LF
2700
± 10%
1
0.17
4.94
HM17-895332LF
3300
± 10%
1
0.15
6.16
HM17-895392LF
3900
± 10%
1
0.14
6.84
HM17-895472LF
4700
± 10%
1
0.13
7.89
HM17-895562LF
5600
± 10%
1
0.12
11.50
HM17-895682LF
6800
± 10%
1
0.11
13.20
HM17-895822LF
8200
± 10%
1
0.10
15.20
HM17-895103LF
10000
± 10%
1
89m
22.00
HM17-895123LF
12000
± 10%
1
73m
25.00
HM17-895153LF
15000
± 10%
1
68m
29.10
HM17-895183LF
18000
± 10%
1
66m
38.90
HM17-895223LF
22000
± 10%
1
59m
44.90
HM17-895273LF
27000
± 10%
1
52m
55.70
HM17-895333LF
33000
± 10%
1
48m
64.20
HM17-895393LF
39000
± 10%
1
42m
74.20
HM17-895473LF
47000
± 10%
1
38m
96.40
HM17-855222LF
2200
± 10%
1
0.18
11.10
HM17-855272LF
2700
± 10%
1
0.16
13.10
HM17-855332LF
3300
± 10%
1
0.14
15.90
HM17-855392LF
3900
± 10%
1
0.13
18.00
HM17-855472LF
4700
± 10%
1
0.12
23.90
HM17-855562LF
5600
± 10%
1
0.11
26.80
HM17-855682LF
6800
± 10%
1
0.098
31.70
HM17-855822LF
8200
± 10%
1
0.088
46.50
HM17-855103LF
10000
± 10%
1
0.081
55.70
HM17-875100LF
10
± 20%
100
2.90
0.05
HM17-875120LF
12
± 20%
100
2.50
0.06
HM17-875150LF
15
± 20%
100
2.20
0.07
HM17-875180LF
18
± 20%
100
1.90
0.08
HM17-875220LF
22
± 20%
100
1.80
0.09
HM17-875270LF
27
± 20%
100
1.70
0.11
HM17-875330LF
33
± 20%
100
1.50
0.13
HM17-875390LF
39
± 20%
100
1.30
0.14
HM17-875470LF
47
± 20%
100
1.30
0.15
HM17-875560LF
56
± 20%
100
1.20
0.18
HM17-875680LF
68
± 20%
100
1.10
0.20
HM17-875820LF
82
± 20%
100
1.00
0.24
HM17-875101LF
100
± 10%
1
0.89
0.28
HM17-875121LF
120
± 10%
1
0.81
0.36
HM17-875151LF
150
± 10%
1
0.72
0.42
HM17-875181LF
180
± 10%
1
0.66
0.57
HM17-875221LF
220
± 10%
1
0.57
0.63
HM17-875271LF
270
± 10%
1
0.51
0.88
HM17-875331LF
330
± 10%
1
0.46
1.05
HM17-875391LF
390
± 10%
1
0.44
1.17
HM17-875471LF
470
± 10%
1
0.41
1.34
HM17-875561LF
560
± 10%
1
0.36
1.72
HM17-875681LF
680
± 10%
1
0.33
1.96
HM17-875821LF
820
± 10%
1
0.30
2.56
HM17-875102LF
1000
± 10%
1
0.27
2.94
HM17-875122LF
1200
± 10%
1
0.24
4.04
HM17-875152LF
1500
± 10%
1
0.22
4.70
HM17-875182LF
1800
± 10%
1
0.20
5.05
HM17-875222LF
2200
± 10%
1
0.18
6.25
HM17-875272LF
2700
± 10%
1
0.16
8.72
HM17-875332LF
3300
± 10%
1
0.15
10.6
HM17-875392LF
3900
± 10%
1
0.14
14.2
HM17-875472LF
4700
± 10%
1
0.12
16.7
HM17-875562LF
5600
± 10%
1
0.11
18.7
HM17-875682LF
6800
± 10%
1
0.10
21.8
HM17-875822LF
8200
± 10%
1
93m
28.7
HM17-875103LF
10000
± 10%
1
84m
33.0
Specifications @ 25°C (Cont’d)
Inductance
Test
DCR
Part
Lo
Tolerance(1) Freq.
Irated (2) (Ω)
Number
(µH)
(%)
(kHz)
(A)
Max.
Notes: (1)Tolerance:10~82μH±20%(M),100~10000μH±10%(K).
(2) Irated istheDCcurrentatwhichinductancewillbedecreasedbyapproximately10%fromitsinitial(zeroDC)value.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com