Electronic Components Datasheet Search
  English  ▼

X  

MP03634 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP03634
Description  SAW Filter 350.0MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03634 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP03634 Datasheet HTML 1Page - Golledge Electronics Ltd MP03634 Datasheet HTML 2Page - Golledge Electronics Ltd MP03634 Datasheet HTML 3Page - Golledge Electronics Ltd MP03634 Datasheet HTML 4Page - Golledge Electronics Ltd MP03634 Datasheet HTML 5Page - Golledge Electronics Ltd MP03634 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 350.0MHz
Model: TB0672A
Part No: MP03634
Rev No: 1
TB0672A v1
1
A. MAXIMUM RATINGS:
1. Input Power Level: 10dBm
2. Operating Temperature: -40°C ~ 85°C
3. Storage Temperature: -40°C to 85°C
B. ELECTRICAL CHARACTERISTICS:
Ambient Temperature: 25°C
Characteristics
Min.
Typ.
Max.
Center frequency Fc MHz
-
350.0
-
Maximum Insertion loss IL dB
-
11.2
12.5
1dB Bandwidth MHz
5
6.5
-
3dB Bandwidth MHz
-
7.9
-
35dB Bandwidth MHz
-
14.0
16.0
Passband Ripple in Fc ± 2.5MHz dB
-
0.4
1.0
S11 Return Loss Fc ± 2.5MHz dB
-
9.0
-
Temp Coefficient ppm/°C
-18
Attenuation: (Reference level from minimum insertion loss)
245 ~ 320MHz dB
40
56
-
370 ~ 445MHz dB
40
56
-


Similar Part No. - MP03634

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP03633 GOLLEDGE-MP03633 Datasheet
87Kb / 6P
SAW Filter 350.0MHz
MP03635 GOLLEDGE-MP03635 Datasheet
91Kb / 4P
SAW Filter 351.10MHz
MP03636 GOLLEDGE-MP03636 Datasheet
111Kb / 7P
SAW Filter 359.20MHz
MP03637 GOLLEDGE-MP03637 Datasheet
102Kb / 6P
SAW Filter 360.0MHz
More results

Similar Description - MP03634

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SU-A2D10 NEL-SU-A2D10 Datasheet
130Kb / 2P
Frequency Range: 80.0MHz to 350.0MHz
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MA07022 GOLLEDGE-MA07022 Datasheet
104Kb / 3P
SAW Filter 350.0MHz
MP03633 GOLLEDGE-MP03633 Datasheet
87Kb / 6P
SAW Filter 350.0MHz
MP05901 GOLLEDGE-MP05901 Datasheet
53Kb / 6P
SAW Filter 350.0MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com