Electronic Components Datasheet Search
  English  ▼

X  

MP03532 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP03532
Description  SAW Filter 280.0MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03532 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP03532 Datasheet HTML 1Page - Golledge Electronics Ltd MP03532 Datasheet HTML 2Page - Golledge Electronics Ltd MP03532 Datasheet HTML 3Page - Golledge Electronics Ltd MP03532 Datasheet HTML 4Page - Golledge Electronics Ltd MP03532 Datasheet HTML 5Page - Golledge Electronics Ltd MP03532 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 280.0MHz
Model: TB0703A
Part No: MP03532
Rev No: 1
TB0703A v1
1
A. MAXIMUM RATING:
1. Operating Temperature: -40°C ~ +85°C
2. Storage Temperature: -40°C ~ +85°C
B. CHARACTERISTICS:
Ambient Temperature: 25°C
Value
Characteristics
Min.
Typ.
Max.
Note
Center frequency Fc MHz
-
280
-
-
Minimum Insertion loss IL dB
-
8.8
11.0
-
1.0dB Bandwidth MHz
15.0
19.8
-
-
40dB Bandwidth
-
29.5
31.0
Amplitude Ripple (Fc ± 7.5MHz) dB
-
0.4
1.0
-
Amplitude Ripple (Fc ± 7.5MHz ~ Fc ± 8.5MHz) dB
-
0.7
2.0
-
Group-delay Ripple (Fc ± 7.5MHz) nsec
-
24
50
-
Attenuation (Reference level from Minimum insertion loss)
Fc ± 15MHz ~ Fc ± 17MHz dB
Fc ± 17MHz ~ Fc ± 100MHz dB
10
40
40
45
-
-
-
-


Similar Part No. - MP03532

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP03530 GOLLEDGE-MP03530 Datasheet
104Kb / 6P
SAW Filter 257.50MHz
MP03531 GOLLEDGE-MP03531 Datasheet
91Kb / 6P
SAW Filter 279.880MHz
MP03533 GOLLEDGE-MP03533 Datasheet
84Kb / 5P
SAW Filter 288.0MHz
More results

Similar Description - MP03532

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MA09410 GOLLEDGE-MA09410 Datasheet
141Kb / 4P
280.0MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com