Electronic Components Datasheet Search
  English  ▼

X  

LTC2412 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2412
Description  2-Channel Differential Input 24-Bit No Latency DS ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2412 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2412 Datasheet HTML 14Page - Linear Technology LTC2412 Datasheet HTML 15Page - Linear Technology LTC2412 Datasheet HTML 16Page - Linear Technology LTC2412 Datasheet HTML 17Page - Linear Technology LTC2412 Datasheet HTML 18Page - Linear Technology LTC2412 Datasheet HTML 19Page - Linear Technology LTC2412 Datasheet HTML 20Page - Linear Technology LTC2412 Datasheet HTML 21Page - Linear Technology LTC2412 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
LTC2412
18
2412f
APPLICATIO S I FOR ATIO
The serial data output pin (SDO) is Hi-Z as long as CS is
HIGH. At any time during the conversion cycle, CS may be
pulled LOW in order to monitor the state of the converter.
While CS is pulled LOW, EOC is output to the SDO pin.
EOC = 1 while a conversion is in progress and EOC = 0 if
the device is in the sleep state. With CS high, the device
automatically enters the low power sleep state once the
conversion is complete.
When the device is in the sleep state (EOC = 0), its
conversion result is held in an internal static shift regis-
ter. Data is shifted out the SDO pin on each falling edge of
SCK. This enables external circuitry to latch the output on
the rising edge of SCK. EOC can be latched on the first
rising edge of SCK and the last bit of the conversion result
can be latched on the 32nd rising edge of SCK. On the
32nd falling edge of SCK, the device begins a new conver-
sion. SDO goes HIGH (EOC = 1) indicating a conversion is
in progress.
At the conclusion of the data cycle, CS may remain LOW
and EOC monitored as an end-of-conversion interrupt.
Alternatively, CS may be driven HIGH setting SDO to Hi-Z.
As described above, CS may be pulled LOW at any time in
order to monitor the conversion status.
Typically, CS remains LOW during the data output state.
However, the data output state may be aborted by pulling
CS HIGH anytime between the first rising edge and the
32nd falling edge of SCK, see Figure 6. On the rising edge
of CS, the device aborts the data output state and imme-
diately initiates a new conversion. This is useful for sys-
tems not requiring all 32 bits of output data, aborting an
invalid conversion cycle or synchronizing the start of a
conversion.
External Serial Clock, 2-Wire I/O
This timing mode utilizes a 2-wire serial I/O interface. The
conversion result is shifted out of the device by an exter-
nally generated serial clock (SCK) signal, see Figure 7. CS
may be permanently tied to ground, simplifying the user
interface or isolation barrier.
The external serial clock mode is selected at the end of the
power-on reset (POR) cycle. The POR cycle is concluded
Figure 6. External Serial Clock, Reduced Data Output Length
SDO
SCK
(EXTERNAL)
CS
DATA
OUTPUT
CONVERSION
SLEEP
SLEEP
TEST EOC (OPTIONAL)
TEST EOC
DATA OUTPUT
Hi-Z
Hi-Z
Hi-Z
CONVERSION
2412 F06
MSB
SIG
CH0/CH1
BIT 8
BIT 27
BIT 9
BIT 28
BIT 29
BIT 30
EOC
BIT 31
BIT 0
EOC
Hi-Z
TEST EOC
= 50Hz REJECTION
= EXTERNAL OSCILLATOR
= 60Hz REJECTION
VCC
VCC
FO
REF+
SCK
CH1+
CH1–
SDO
GND
CS
114
2
3
13
6
7
12
8, 9, 10, 15, 16
11
REFERENCE
VOLTAGE
0.1V TO VCC
CH0+
CH0–
4
5
ANALOG INPUT RANGE
–0.5VREF TO 0.5VREF
1
µF
2.7V TO 5.5V
LTC2412
3-WIRE
SPI INTERFACE
REF–
SLEEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com