Electronic Components Datasheet Search
  English  ▼

X  

1SS405 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # 1SS405
Description  SMD Small Signal Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

1SS405 Datasheet(HTML) 1 Page - Diotec Semiconductor

  1SS405 Datasheet HTML 1Page - Diotec Semiconductor 1SS405 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1SS405
1SS405
SMD Small Signal Schottky Diodes
SMD Kleinsignal-Schottky-Dioden
IFAV
= 50 mA
VF
< 0.55 V
Tjmax = 125°C
VRRM = 25 V
IFSM = 1 A
Version 2018-09-13
SOD-523
Dimensions - Maße [mm]
Type code: Q
Typical Applications
Signal processing,
High-speed switching
Commercial grade
Suffix -Q: AEC-Q101 compliant 1)
Suffix -AQ: in AEC-Q101 qualification 1)
Typische Anwendungen
Signalverarbeitung,
Schnelles Schalten
Standardausführung
Suffix -Q: AEC-Q101 konform 1)
Suffix -AQ: in AEC-Q101 Qualifikation 1)
Features
Very high switching speed
Low junction capacitance
Low leakage current
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
Extrem schnelles Schalten
Niedrige Sperrschicht-Kapazität
Niedriger Sperrstrom
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Taped and reeled
4000 / 7“
Gegurtet auf Rolle
Weight approx.
0.01 g
Gewicht ca.
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
Maximum ratings 2)
Grenzwerte 2)
1SS405
Power dissipation
Verlustleistung
Ptot
150 mW 3)
Max. average forward current
Dauergrenzstrom
IFAV
50 mA 3)
Non repetitive peak forward surge current
Stoßstrom-Grenzwert
tp ≤ 10 ms
IFSM
1 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM
25 V
Reverse voltage – Sperrspannung
DC
VR
20 V
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+125°C
-55...+125°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C unless otherwise specified
TA = 25°C wenn nicht anders angegeben
3
Mounted with 16 mm2 copper pads at each terminal
Montage mit 16 mm2 Kupferbelag (Lötpad) an jedem Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
1
Pb
RoHS
1.2
1.6
Type
Code


Similar Part No. - 1SS405

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS405 TOSHIBA-1SS405 Datasheet
190Kb / 3P
High Speed Switching Application
1SS405 TOSHIBA-1SS405_14 Datasheet
214Kb / 3P
TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
More results

Similar Description - 1SS405

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBH0230-G COMCHIP-CDBH0230-G Datasheet
105Kb / 4P
SMD Small Signal Schottky Diodes
logo
Diotec Semiconductor
BAT54 DIOTEC-BAT54_16 Datasheet
188Kb / 2P
SMD Small Signal Schottky Diodes
BAS40 DIOTEC-BAS40_17 Datasheet
191Kb / 2P
SMD Small Signal Schottky Diodes
BAS70 DIOTEC-BAS70_17 Datasheet
195Kb / 2P
SMD Small Signal Schottky Diodes
BAT54W DIOTEC-BAT54W_18 Datasheet
188Kb / 2P
SMD Small Signal Schottky Diodes
SD103AW DIOTEC-SD103AW_18 Datasheet
132Kb / 2P
SMD Small Signal Schottky Diodes
1SS369 DIOTEC-1SS369 Datasheet
119Kb / 1P
SMD Small Signal Schottky Diodes
BAT54W DIOTEC-BAT54W_1 Datasheet
177Kb / 2P
SMD Small Signal Schottky Diodes
BAS40 DIOTEC-BAS40_18 Datasheet
192Kb / 2P
SMD Small Signal Schottky Diodes
BAS70E DIOTEC-BAS70E Datasheet
179Kb / 2P
SMD Small Signal Schottky Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com