Electronic Components Datasheet Search
  English  ▼

X  

MB89174LPF Datasheet(PDF) 36 Page - fujitsu semiconductor

Part # MB89174LPF
Description  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89174LPF Datasheet(HTML) 36 Page - fujitsu semiconductor

Back Button MB89174LPF Datasheet HTML 32Page - fujitsu semiconductor MB89174LPF Datasheet HTML 33Page - fujitsu semiconductor MB89174LPF Datasheet HTML 34Page - fujitsu semiconductor MB89174LPF Datasheet HTML 35Page - fujitsu semiconductor MB89174LPF Datasheet HTML 36Page - fujitsu semiconductor MB89174LPF Datasheet HTML 37Page - fujitsu semiconductor MB89174LPF Datasheet HTML 38Page - fujitsu semiconductor MB89174LPF Datasheet HTML 39Page - fujitsu semiconductor MB89174LPF Datasheet HTML 40Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
36
MB89170/170A/170L Series
(5) Recommend Resonator Manufacturers
(6) Serial I/O Timing
(VCC = +5.0 V
±10%, VSS= 0.0 V, TA = –40
°C to +85°C)
* : For information on tinst, see “(4) Instruction Cycle.”
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min.
Max.
Serial clock cycle time
tSCYC
SCK
Internal shift
clock mode
2 tinst*—
µs
SCK
↓ → SO time
tSLOV
SCK, SO
–200
200
ns
Valid SI
→ SCK
tIVSH
SI, SCK
0.5 tinst*—
µs
SCK
↑ → valid SI hold time
tSHIX
SCK, SI
0.5 tinst*—
µs
Serial clock “H” pulse width
tSHSL
SCK
External shift
clock mode
1 tinst*—
µs
Serial clock “L” pulse width
tSLSH
1 tinst*—
µs
SCK
↓ → SO time
tSLOV
SCK, SO
0
200
ns
Valid SI
→ SCK ↑
tIVSH
SI, SCK
0.5 tinst*—
µs
SCK
↑ → valid SI hold time
tSHIX
SCK, SI
0.5 tinst*—
µs
• Sample Application of Piezoelectric Resonator (FAR Family)
X0
X1
FAR*1
C1*2
C2*2
*1: Fujitsu Acoustic Resonator
Inquiry: FUJITSU LIMITED
FAR part number
(built-in capacitor type)
Frequency
(MHz)
Initial deviation of FAR
frequency
(TA = +25
°C)
Temperature
characteristics of
FAR frequency
(TA = –20
°C+60°C)
Loading
capacitors*2
FAR-C4
A-03580-
01
3.58
±0.5%
±0.5%
Built-in
(MB89170 series only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com