Electronic Components Datasheet Search
  English  ▼

X  

LTL-4201 Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTL-4201
Description  T-1 (3mm) Solid State LED Lamps
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL-4201 Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTL-4201 Datasheet HTML 1Page - Lite-On Technology Corporation LTL-4201 Datasheet HTML 2Page - Lite-On Technology Corporation LTL-4201 Datasheet HTML 3Page - Lite-On Technology Corporation LTL-4201 Datasheet HTML 4Page - Lite-On Technology Corporation LTL-4201 Datasheet HTML 5Page - Lite-On Technology Corporation LTL-4201 Datasheet HTML 6Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
7-30
Electrical/Optical Characteristics at Ta=25
Parameter
Luminous Intensity
Viewing Angle
Peak Emission
Wavelength
Dominant
Wavelength
Spectral Line
Half Width
Forward Voltage
Reverse Current
Capacitance
Symbol
I V
2
P
d
VF
IR
C
Part No.
LTL-
4201
4211
4221
4231
4251
4291
Typ.
0.3
0.7
2.5
3.7
2.5
3.7
Min.
0.8
2.5
8.7
12.6
8.7
12.6
40
655
697
635
565
585
630
651
657
623
569
588
621
24
90
40
30
35
40
1.7
2.1
2.0
2.1
2.1
2.0
30
55
20
35
15
20
Max.
Unit.
mcd
deg
nm
nm
nm
V
A
pF
Test Condition.
Note 2 (Fig.7)
IF=10 mA
Note 1,4
Note 3
Measurement
@Peak (Fig.1)
VR=5V
IF=20mA
VF=0 , f=1MHz
42x1
4201
4211
4221
4231
4251
4291
4201
4211
4221
4231
4251
4291
4201
4211
4221
4231
4251
4291
4201
4211
4221
4231
4251
4291
100
Notes:1.Luminous intensity is measured with a light sensor and filter combination that approximates the CIE eye-
response curve.
2.
is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3.The dominant wavelength,
d is derived from the CIE chromaticity diagram and represents the single
wavelength which defines the color of the device.
4.IV needs
15% additionary for guaranteed limits.
2.0
2.6
2.6
2.6
2.6
2.6
42x1
4201
4211
4221
4231
4251
4291



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com