Electronic Components Datasheet Search
  English  ▼

X  

2019-09-SMH-RPLF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 2019-09-SMH-RPLF
Description  Gas Discharge Tube Surge Arrestor with FLAT Technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2019-09-SMH-RPLF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  2019-09-SMH-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2019-09-SMH-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions 2019-09-SMH-RPLF Datasheet HTML 3Page - Bourns Electronic Solutions 2019-09-SMH-RPLF Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
2019SeriesGasDischargeTubeSurgeArrestorwithFLAT®Technology
Product Dimensions
Typical Part Marking
DIMENSIONS:
MM
(INCHES)
2019-xx-SMH-RPLF
DATE CODE:
“WWYY” =
WEEK AND YEAR
OF MANUFACTURE
VOLTAGE:
090 V
150 V
230 V
MANUFACTURER’S
TRADEMARK
WWYY
19-XXX
Pad Layout
XXXX
19-XXX
XXXX
19-XXX
4.25
(0.167)
R
2.20 ± 0.30
(0.087 ± 0.012)
3.60 ± 0.20
(0.142 ± 0.008)
4.30
(0.169)
6.96
(0.274)
7.80
(0.307)
1.12
(0.044)
11.61 ± 0.20
(0.457 ± 0.008)
2.20 ± 0.30
(0.087 ± 0.012)
1.00 +0.30/-0.10
(0.039 +0.012/-0.004)
10.00 ± 0.30
(0.394 ± 0.012)
DIA.
11.00
(0.433)
DIA.
9.33
(0.367)
DIA.
0.84
(0.033)
4.32
(0.170)
6.00
(0.236)
0.84
(0.033)
2 PLCS.
0.84
(0.033) R
XXXX
19-XXX
XXXX
19-XXX
4.25
(0.167)
R
2.20 ± 0.30
(0.087 ± 0.012)
3.60 ± 0.20
(0.142 ± 0.008)
4.30
(0.169)
6.96
(0.274)
7.80
(0.307)
1.12
(0.044)
11.61 ± 0.20
(0.457 ± 0.008)
2.20 ± 0.30
(0.087 ± 0.012)
1.00 +0.30/-0.10
(0.039 +0.012/-0.004)
10.00 ± 0.30
(0.394 ± 0.012)
DIA.
11.00
(0.433)
DIA.
9.33
(0.367)
DIA.
0.84
(0.033)
4.32
(0.170)
6.00
(0.236)
0.84
(0.033)
2 PLCS.
0.84
(0.033) R
How to Order
2019 - xx - SMH - RP LF
Series Designator
2019 = 2-electrode GDT with FLAT® Technology, 20 kA 8/20 µs rated
Voltage (Divided by 10)
09 = 90 V
15 = 150 V
23 = 230 V
Configuration
SMH = Horizontal Mount SMD
Packaging
RP = Reelpack (Standard)
Blank = Bulk Pack
RoHS Compliancy
LF = RoHS Compliant Product
DIMENSIONS:
MM
(INCHES)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com