Electronic Components Datasheet Search
  English  ▼

X  

2019-15-SMH-RPLF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2019-15-SMH-RPLF
Description  Gas Discharge Tube Surge Arrestor with FLAT Technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2019-15-SMH-RPLF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2019-15-SMH-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2019-15-SMH-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions 2019-15-SMH-RPLF Datasheet HTML 3Page - Bourns Electronic Solutions 2019-15-SMH-RPLF Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2019SeriesGasDischargeTubeSurgeArrestorwithFLAT®Technology
* RoHSDirective2015/863,Mar31,2015andAnnex.
**Bournsconsidersaproducttobe“halogenfree”if(a)theBromine(Br)contentis900ppmorless;(b)theChlorine(Cl)contentis900ppmorless;and(c)thetotalBromine(Br)
andChlorine(Cl)contentis1500ppmorless.
“FLAT”isaregisteredtrademarkofBourns,Inc.intheU.S.andothercountries.
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Description
Bourns sets a new industry standard by offering a high current rated 2-electrode GDT in an innovative flat-package design. The Model
2019 Series with FLAT® Technology is an ITU K.12 Class IV GDT device rated at 25 kA maximum on an 8/20 μs waveform, providing
a volume and space-saving solution for high density and space-restricted PCB applications. This surface mount device is available in
a horizontal mounting configuration.
Characteristics
Test Methods per ITU-T (CCITT) K.12 Class 3 and IEC 61643-311
Characteristic
Model No.
2019-09
2019-15
2019-23
DC Sparkover ±20 % @ 100 V/s (1)
DC Sparkover End-of-Life Values (2)
Maximum (99 % of values)
Minimum (99 % of values)
90 V
<120 V
>65 V
150 V
<195 V
>110 V
230 V
<300 V
>170 V
Impulse Sparkover Voltage (3)
100 V/µs Typical /
For 99 % of Values
1 kV/µs Typical /
For 99 % of Values
350 / <450 V
600 / <800 V
400 / <550 V
600 / <850 V
450 / <600 V
700 / <950 V
Insulation Resistance (IR) ..................100 V (50 V for Model 2019-09)............................................. >1 GΩ
Glow Voltage ......................................10 mA..................................................................................... ~70 V
Arc Voltage .........................................>1 A........................................................................................ ~10 V
Capacitance........................................1 MHz..................................................................................... <4 pF
Impulse Discharge Current.................25 kA, 8/20 µs ........................................................................ 1 operation (4)
20 kA, 8/20 µs ........................................................................ 10 operations
5000 A, 10/350 µs .................................................................. 1 operation (4)
100 A, 10/1000 µs ................................................................. 300 operations
10 A, 10/1000 µs ................................................................... 1500 operations (4)
Alternating Discharge Current ............20 Arms, 1 s ........................................................................... 10 operations
Operating Temperature....................................................................................................................... -55 to +85 °C
Storage Temperature.......................................................................................................................... -55 to +105 °C
Climatic Category (IEC 60068-1)........................................................................................................ 55/105/21
Moisture Sensitivity Level................................................................................................................... 1
ESD Classification (HBM)................................................................................................................... N/A
Notes:
UL Recognized component, UL File E153537
(1) In ionized mode.
(2) IR after life >108 Ω.
(3) At delivery AQL 0.65 Level II, DIN ISO 2859.
(4) DC Sparkover may exceed ±20 % after discharge, but will continue to protect without venting.
Features
n
Bourns®FLAT®GDTtechnology
n
Flexiblemountingoptions
n
Volumeandspace-savingdesign
n
Improvedimpulseperformance
n
25kA8/20µsrated
n
ULRecognized
n
RoHScompliant*andhalogenfree**
Applications
n
TelecomCPE
n
IndustrialCommunications
n
SurgeProtectiveDevices
n
HighdensityPCBassemblies
WARNINGCancerandReproductiveHarm-www.P65Warnings.ca.gov
19-230
3518


Similar Part No. - 2019-15-SMH-RPLF

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
2019 XFMRS-2019 Datasheet
46Kb / 2P
COMMON MODE CHOKES
logo
Aptiv
2019 0,50 / 15344324 APTIV-2019 0,50 / 15344324 Datasheet
149Kb / 12P
Crimp Information Sheet
2014-03-04
logo
TE Connectivity Ltd
201910-1 TEC-201910-1 Datasheet
135Kb / 1P
AMP M Series Pin and Socket Connectors
201911-1 TEC-201911-1 Datasheet
135Kb / 1P
AMP M Series Pin and Socket Connectors
logo
Festo Corporation.
2019271 FESTO-2019271 Datasheet
65Kb / 1P
Adapter kit
More results

Similar Description - 2019-15-SMH-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2017-09 BOURNS-2017-09 Datasheet
594Kb / 3P
Gas Discharge Tube Surge Arrestor with FLAT짰 Technology
2029-09-SMLF BOURNS-2029-09-SMLF Datasheet
235Kb / 3P
Heavy Duty Gas Discharge Tube Surge Arrestor
2017-09-A-RPLF BOURNS-2017-09-A-RPLF Datasheet
534Kb / 3P
Gas Discharge Tube Surge Arrestor with FLAT Technology
2029-09-SMLF BOURNS-2029-09-SMLF_16 Datasheet
250Kb / 3P
Heavy Duty Gas Discharge Tube Surge Arrestor
2051-09 BOURNS-2051-09_15 Datasheet
241Kb / 2P
Gas Discharge Tube Surge Protector
2055-23 BOURNS-2055-23 Datasheet
206Kb / 2P
Gas Discharge Tube Surge Protector
2029-XX-SMLF BOURNS-2029-XX-SMLF Datasheet
250Kb / 3P
Heavy Duty Gas Discharge Tube Surge Arrestor
2003-07 BOURNS-2003-07 Datasheet
429Kb / 3P
Gas Discharge Tube Surge Protector
2018-09 BOURNS-2018-09 Datasheet
347Kb / 3P
Gas Discharge Tube Surge Arrestor with FLAT Technology
2018 BOURNS-2018 Datasheet
586Kb / 4P
Gas Discharge Tube Surge Arrestor with FLAT Technology
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com