Electronic Components Datasheet Search
  English  ▼

X  

SMAL3100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SMAL3100
Description  3A LOW PROFILE SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SMAL3100 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SMAL3100 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMAL3100 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVE SMAL320 THRU SMAL3100
Fig. 1 - Forward Current Derating Curve
Single Phase Half Wave
60HZ Resistive or
Inductive Load
0.375”(9.5mm) Lead
Length
Lead Temperature,
+
Instantaneous Forward Voltage, V
Fig. 5 - Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage, (%)
SMAL320~340
SMAL350~3100
SMAL350
SMAL360
SMAL320
SMAL340
Fig. 3 - Typical Junction Capacitance
SMAL320~340
SMAL350~3100
Reverse Voltage, Volts
TJ=25
+
8.3ms Single Half
Sine-Wave
Fig. 4 - Non-Repetitive Peak Forward Surge Current
Number of Cycles at 60HZ
TJ=25
+
Pulse Width =300us
1% Duty Cycle
Fig. 2 - Typical Instantaneous Forward
Characteristics
SMAL380
SMAL3100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com