Electronic Components Datasheet Search
  English  ▼

X  

BZW06111 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BZW06111
Description  Transient Voltage Suppressor Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BZW06111 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BZW06111 Datasheet HTML 1Page - Diotec Semiconductor BZW06111 Datasheet HTML 2Page - Diotec Semiconductor BZW06111 Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BZW06-5V8 ... BZW06-376B
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Type
Typ
BZW06-
unidirectional
bidirectional
Stand-off
voltage
Sperrspannung
Max. rev. current
Max. Sperrstrom
at / bei VWM
Breakdown voltage at IT = 1 mA
Abbruch-Spannung bei IT = 1 mA
*) at / bei IT = 10 mA
Max. clamping voltage
Max. Begrenzer-Spannung
at / bei IPPM (10/1000 µs)
VWM [V]
ID [µA]
VBR [V]
VC [V]
IPPM [A]
5V8
5V8B
5.8
1000
6.8 ± 5%
6.45...7.14 *)
10.5
57
6V4
6V4B
6.4
500
7.5 ± 5%
7.13...7.88 *)
11.3
53
7V0
7V0B
7.02
200
8.2 ± 5%
7.79...8.61 *)
12.1
50
7V8
7V8B
7.78
50
9.1 ± 5%
8.65...9.55
13.4
45
8V5
8V5B
8.55
10
10 ± 5%
9.5...10.5
14.5
41
9V4
9V4B
9.4
5
11 ± 5%
10.5...11.6
15.6
38
10
10B
10.2
5
12 ± 5%
11.4...12.6
16.7
36
11
11B
11.1
5
13 ± 5%
12.4...13.7
18.2
33
13
13B
12.8
5
15 ± 5%
14.3...15.8
21.2
28
14
14B
13.6
5
16 ± 5%
15.2...16.8
22.5
27
15
15B
15.3
5
18 ± 5%
17.1...18.9
25.2
24
17
17B
17.1
5
20 ± 5%
19.0...21.0
27.7
22
19/-Q
19B
18.8
5
22 ± 5%
20.9...23.1
30.6
20
20
20B/-Q
20.5
5
24 ± 5%
22.8...25.2
33.2
18
23
23B
23.1
5
27 ± 5%
25.7...28.4
37.5
16
26
26B
25.6
5
30 ± 5%
28.5...31.5
41.5
14.5
28
28B
28.2
5
33 ± 5%
31.4...34.7
45.7
13.1
31
31B
30.8
5
36 ± 5%
34.2...37.8
49.9
12.0
33
33B
33.3
5
39 ± 5%
37.1...41.0
53.9
11.1
37
37B
36.8
5
43 ± 5%
40.9...45.2
59.3
10.1
40
40B
40.2
5
47 ± 5%
44.7...49.4
64.8
9.3
44
44B
43.6
5
51 ± 5%
48.5...53.6
70.1
8.6
48
48B
47.8
5
56 ± 5%
53.2...58.8
77.0
7.8
53
53B
53.0
5
62 ± 5%
58.9...65.1
85.0
7.1
58
58B
58.1
5
68 ± 5%
64.6...71.4
92.0
6.5
64
64B
64.1
5
75 ± 5%
71.3...78.8
103
5.8
70
70B
70.1
5
82 ± 5%
77.9...86.1
113
5.3
78
78B
77.8
5
91 ± 5%
86.5...95.5
125
4.8
85
85B
85.8
5
100 ± 5%
95.0...105
137
4.4
94
94B
94.0
5
110 ± 5%
105...116
152
3.9
102
102B
102
5
120 ± 5%
114...126
165
3.6
111
111B
111
5
130 ± 5%
124...137
179
3.4
128
128B
128
5
150 ± 5%
143...158
207
2.9
136
136B
136
5
160 ± 5%
152...168
219
2.7
145
145B
145
5
170 ± 5%
162...179
234
2.6
154
154B
154
5
180 ± 5%
171...189
246
2.4
171
171B
171
5
200 ± 5%
190...210
274
2.2
188
188B
188
5
220 ± 5%
209...231
301
2.0
213
213B
213
5
250 ± 5%
237...263
344
1.8
239
239B
239
5
280 ± 5%
266...294
384
1.7
256
256B
256
5
300 ± 5%
285...315
414
1.6
273
273B
273
5
320 ± 5%
304...336
438
1.6
299
299B
299
5
350 ± 5%
332...368
482
1.6
342
342B
342
5
400 ± 5%
380...420
548
1.3
376
376B
376
5
440 ± 5%
418...462
603
1.3
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com