Electronic Components Datasheet Search
  English  ▼

X  

BZT52C62 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BZT52C62
Description  SMD Planar Zener Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BZT52C62 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BZT52C62 Datasheet HTML 1Page - Diotec Semiconductor BZT52C62 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BZT52C2V0 ... BZT52C75
Characteristics
(Tj = 25°C unless otherwise specified)
Kennwerte
(Tj = 25°C wenn nicht anders angegeben)
Type
Typ
Code
Z-voltage range 1)
Z-Spannungs-Bereich 1)
IZ = 5 mA
Dynamic resistance
Diff. Widerstand
rzj [Ω] at f = 1 kHz
Temp. Coefficient
of Z-voltage
…der Z-Spannung
Reverse voltage
Sperrspannung
VR at/bei IR
Z-current 2)
Z-Strom 2)
TA = 25°C
BZT52C...
VZ min [V]
VZ max [V]
IZ = 5 mA
αVZ [10-4 /°C]
VR [V]
IR [µA]
IZmax [mA]
2V0/-Q
4A
1.8
2.2
< 100
-9...-6
0.5
120
227
2V4
4C
2.2
2.6
< 100
-9...-6
1
120
192
2V7
4D
2.5
2.9
< 110
-9...-6
1
120
172
3V0
4E
2.8
3.2
< 120
-8...-5
1
50
156
3V3/-Q
4F
3.1
3.5
< 130
-8...-5
1
20
143
3V6
4H
3.4
3.8
< 130
-8...-5
1
10
132
3V9
4J
3.6
4.2
< 130
-8...-5
1
5
119
4V3
4K
4.0
4.6
< 130
-6...-3
1
5
109
4V7
4M
4.4
5.0
< 130
-5...+2
1
2
100
5V1
4N
4.8
5.4
< 130
-2...+2
1.5
2
93
5V6/-Q
4P
5.2
6.0
< 80
-5...+5
2.5
1
83
6V2
4R
5.8
6.6
< 50
-3...+6
3
1
76
6V8/-Q
4X
6.4
7.2
< 30
+3...+7
3.5
0.5
69
7V5/-Q
4Y
7.0
7.9
< 30
+3...+7
4
0.5
63
8V2
4Z
7.7
8.7
< 30
+8...+7
5
0.5
57
9V1
5A
8.5
9.6
< 30
+3...+9
6
0.5
52
10
5B
9.4
10.6
< 30
+3...+10
7
0.1
47
11
5C
10.4
11.6
< 30
+3...+11
8
0.1
43
12/-Q
5D
11.4
12.7
< 35
+3...+11
9
0.1
39
13
5E
12.4
14.1
< 35
+3...+11
10
0.1
35
15/-Q
5F
13.8
15.6
< 40
+3...+11
11
0.1
32
16
5H
15.3
17.1
< 40
+3...+11
12
0.1
29
18/-Q
5J
16.8
19.1
< 45
+3...+11
13
0.1
26
20
5K
18.8
21.2
< 50
+3...+11
15
0.1
24
22
5M
20.8
23.3
< 55
+4...+12
17
0.1
21
24
5N
22.8
25.6
< 60
+4...+12
19
0.1
20
27
5P
25.1
28.9
< 70
+4...+12
21
0.1
17
30
5R
28
32
< 80
+4...+12
23
0.1
16
33
5X
31
35
< 80
+4...+12
25
0.1
14
36
5Y
34
38
< 90
+4...+12
27
0.1
13
IZ =
2.5 mA
2 mA
39
5Z
37
41
< 100
+4...+12
30
2
12
43
6A
40
46
< 130
+4...+12
33
2
11
47
6B
44
50
< 150
+4...+12
36
2
10
51
6C
48
54
< 180
+4...+12
39
1
9
56
6D
52
60
< 180
+4...+12
43
1
8
62
6E
58
66
< 200
+4...+12
47
0.2
8
68
6F
64
72
< 250
+4...+12
52
0.2
7
75
6H
70
79
< 300
+4...+12
57
0.2
6
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Tested with pulses (20 ms) – Gemessen mit Impulsen (20 ms)
2
Mounted on P.C. board with 25 mm2 copper pads per terminal – Montage auf Leiterplatte mit 25 mm2 Lötpad je Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com