Electronic Components Datasheet Search
  English  ▼

X  

OM6516SC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OM6516SC
Description  1000 Volt, 25 Amp, N-Channel IGBT In A Hermetic Metal Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM6516SC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OM6516SC Datasheet HTML 1Page - List of Unclassifed Manufacturers OM6516SC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
• Isolated IGBTs In A Hermetic Package
• High Input Impedance
• Low On-Voltage
• High Current Capability
• High Switching Speed
• Low Tail Current
• Available With Free Wheeling Diode
• Available Screened To MIL-S-19500, TX, TXV And S Levels
DESCRIPTION
This IGBT power transistor features the high switching speeds of a power MOSFET
and the low on-resistance of a bipolar transistor. It is ideally suited for high power
switching applications such as frequency converters for 3Ø motors, UPS and high
power SMPS.
MAXIMUM RATINGS @ 25°C Unless Specified Otherwise
3.1 - 155
3.1
1000 Volt, 25 Amp, N-Channel IGBT
In A Hermetic Metal Package
4 11 R2
Supersedes 2 07 R1
INSULATED GATE BIPOLAR TRANSISTOR
(IGBT) IN A HERMETIC TO-258AA PACKAGE
OM6516SC
OM6520SC
SCHEMATICS
.707
.697
.750
.500
.835
.815
.695
.685
.165
.155
.200 TYP.
.550
.530
.270
.240
.045
.035
.140 TYP.
.092 MAX.
.065
.055
.005
OM6516SC
OM6520SC(w/Diode)
Collector
Collector
Emitter
Emitter
12
3
CE
G
Gate
Gate
MECHANICAL OUTLINE
PART
I
C (Cont.)
V
(BR)CES
V
CE (sat) (Typ.)
T
f (Typ.)
q
q
JC
P
D
T
J
NUMBER
@ 90°C, A
V
V
ns
°C/W
W
°C
OM6516SC
25
1000
4.0
300
1.0
125
150
OM6520SC
25
1000
4.0
300
1.0
125
150
NOTE: IGBTs are also available in Z-Tab, dual and quad
pak styles - Please call the factory for more information.
PACKAGE OPTIONS
MOD PAK
6 PIN SIP


Similar Part No. - OM6516SC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM6516SC IRF-OM6516SC Datasheet
26Kb / 2P
Isolated IGBTs In A Hermetic Package
OM6516SC IRF-OM6516SC_15 Datasheet
26Kb / 2P
Isolated IGBTs In A Hermetic Package
More results

Similar Description - OM6516SC

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML10-12A-258R SEME-LAB-SML10-12A-258R Datasheet
11Kb / 1P
FAST RECOVERY EPITAXIAL DIODE IN A HERMETIC TO-258 METAL PACKAGE
logo
Sensitron
SHD116236 SENSITRON-SHD116236 Datasheet
157Kb / 3P
200 VOLT, 15 AMP, POWER SCHOTTKY RECTIFIER IN A HERMETIC SHD-1/B PACKAGE.
SHD124411 SENSITRON-SHD124411 Datasheet
75Kb / 3P
30 VOLT, 45/30 AMP, SCHOTTKY RECTIFIER IN A HERMETIC TO-258 PACKAGE.
logo
List of Unclassifed Man...
OMD100 ETC1-OMD100 Datasheet
53Kb / 4P
FOUR N-CHANNEL MOSFETS IN HERMETIC POWER PACKAGE
OM6501ST ETC2-OM6501ST Datasheet
22Kb / 2P
INSULATED GATE BIPOLAR TRANSISTOR (IGBT) IN A HERMETIC TO-257AA PACKAGE
logo
Sensitron
SHSMG1010 SENSITRON-SHSMG1010 Datasheet
57Kb / 3P
1000 VOLT 50 AMP IGBT DEVICE
logo
International Rectifier
OM6001ST IRF-OM6001ST_15 Datasheet
49Kb / 4P
Isolated Hermetic Metal Package
OM6005SC IRF-OM6005SC_15 Datasheet
50Kb / 4P
Isolated Hermetic Metal Package
OM6025SC IRF-OM6025SC_15 Datasheet
42Kb / 4P
Isolated Hermetic Metal Package
logo
New Jersey Semi-Conduct...
SBR1645-T254 NJSEMI-SBR1645-T254 Datasheet
82Kb / 1P
HERMETIC TO254 METAL PACKAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com