Electronic Components Datasheet Search
  English  ▼

X  

OM6520SC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OM6520SC
Description  1000 Volt, 25 Amp, N-Channel IGBT In A Hermetic Metal Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM6520SC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OM6520SC Datasheet HTML 1Page - List of Unclassifed Manufacturers OM6520SC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRELIMINARY DATA: OM6516SC
IGBT CHARACTERISTICS
Parameter - OFF
Min. Typ. Max. Units Test Conditions
V
(BR)CES Collector Emitter
1000
V
V
CE = 0
Breakdown Voltage
I
C = 250 µA
I
CES
Zero Gate Voltage
0.25
mA
V
CE = Max. Rat., VGE = 0
Drain Current
1.0
mA
V
CE = 0.8 Max. Rat., VGE = 0
T
C = 125°C
I
GES
Gate Emitter Leakage
±100
nA
V
GE = ±20 V
Current
V
CE = 0 V
Parameter - ON
V
GE(th)
Gate Threshold Voltage
4.5
6.5
V
V
CE = VGE, IC = 1 mA
V
CE(sat)
Collector Emitter
3.0
V
V
GE = 15 V, IC = 15 A
Saturation Voltage
T
C = 25°C
V
CE(sat)
Collector Emitter
4.0
4.5
V
V
GE = 15 V, IC = 15 A
Saturation Voltage
T
C = 125°C
Dynamic
g
fs
Forward Transductance
5.5
S
V
CE = 20 V, IC = 15 A
C
ies
Input Capacitance
2000
pF
V
GE = 0
C
oes
Output Capacitance
160
pF
V
CE = 25 V
C
res
Reverse Transfer Capacitance
65
pF
f = 1 mHz
Switching-Resistive Load
T
d(on)
Turn-On Time
50
nS
V
CC = 600 V, IC = 15 A
t
r
Rise Time
200
nS
V
GE = 15 V, Rg = 3.3 ,
T
d(off)
Turn-Off Delay Time
200
nS
T
j = 125°C
t
f
Fall Time
300
nS
Switching-Inductive Load
T
d(off)
Turn-Off Delay Time
200
nS
V
CEclamp = 600 V, IC = 15 A
t
f
Fall Time
200
nS
V
GE = 15 V, Rg = 3.3
E
off
Turn-Off Losses
1.5
mWs L = 1 mH, T
j = 125°C
PRELIMINARY DATA: OM6520SC
IGBT CHARACTERISTICS
Parameter - OFF (see Note 1)
Min. Typ. Max. Units Test Conditions
V
(BR)CES Collector Emitter
1000
V
V
CE = 0
Breakdown Voltage
I
C = 250 µA
I
CES
Zero Gate Voltage
0.25
mA
V
CE = Max. Rat., VGE = 0
Drain Current
1.0
mA
V
CE = 0.8 Max. Rat., VGE = 0
T
C = 125°C
I
GES
Gate Emitter Leakage
±100
nA
V
GE = ±20 V
Current
V
CE = 0 V
Parameter - ON
V
GE(th)
Gate Threshold Voltage
4.5
6.5
V
V
CE = VGE, IC = 1 mA
V
CE(sat)
Collector Emitter
3.0
V
V
GE = 15 V, IC = 15 A
Saturation Voltage
T
C = 25°C
V
CE(sat)
Collector Emitter
4.0
4.5
V
V
GE = 15 V, IC = 15 A
Saturation Voltage
T
C = 125°C
Dynamic
g
fs
Forward Transductance
5.5
S
V
CE = 20 V, IC = 15 A
C
ies
Input Capacitance
2000
pF
V
GE = 0
C
oes
Output Capacitance
160
pF
V
CE = 25 V
C
res
Reverse Transfer Capacitance
65
pF
f = 1 mHz
Switching-Resistive Load
T
d(on)
Turn-On Time
50
nS
V
CC = 600 V, IC = 15 A
t
r
Rise Time
200
nS
V
GE = 15 V, Rg = 3.3 ,
T
d(off)
Turn-Off Delay Time
200
nS
T
j = 125°C
t
f
Fall Time
300
nS
Switching-Inductive Load
T
d(off)
Turn-Off Delay Time
200
nS
V
CEclamp = 600 V, IC = 15 A
t
f
Fall Time
200
nS
V
GE = 15 V, Rg = 3.3
E
off
Turn-Off Losses
1.5
mWs L = 1 mH, T
j = 125°C
DIODE CHARACTERISTICS
V
f
Maximum Forward Voltage
1.85
V
I
F = 30 A, TC = 25°C
1.70
V
I
F = 30 A, TC = 150°C
I
r
Maximum Reverse Current
500
µA
V
R = 1000 V, TC = 25°C
7.0
mA
V
R = 800 V, TC = 125°C
t
rr
Reverse Recovery Time
50
nS
I
F = 1 A, di / dt = -15 A µ/S
V
R = 30 V, Tj = 25°C
Note 1: Limited by diode I
r characteristic.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com