Electronic Components Datasheet Search
  English  ▼

X  

PI6C2310L Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C2310L
Description  Low skew, low jitter, PLL clock buffer with divider or multiplier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2310L Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C2310L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2310L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2310L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2310L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2310L Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
PS8502
10/10/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2310
PCI-X Clock Buffers
0.8V
2.0V
0.8V
2.0V
Tr
Tf
1.4V
T1
Tp
1.4V
1.4V
Tsk
OUTy
OUTx
1.65V
Tp(n)
Tp(n+1)
1.65V
1.65V
1.65V
Tskp2p
Device1
OUTx
Device2
OUTy
1.65V
1.65V
Tpd
FBIN
CLKIN
Figure 1. Rise/Fall time
Figure 2. Duty cycle
Figure 3. Output skew
Figure 4. Cycle jitter
Figure 5. Pkg.-to-Pkg. skew
Figure 6. Propagation Delay
Figure 7. Test load
15pF
OUTx
DUT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com