Electronic Components Datasheet Search
  English  ▼

X  

SFH4502 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SFH4502
Description  Schnelle IR-Lumineszenzdiode (950 nm) im 5 mm Radial-Gehuse
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SFH4502 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SFH4502 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFH4502 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFH4502 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFH4502 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFH4502 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFH4502 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFH4502 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFH4502 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFH4502 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SFH 4501
Schnelle IR-Lumineszenzdiode (950 nm) im 5 mm Radial-Gehäuse
High-Speed Infrared Emitter (950 nm) in 5 mm Radial Package
SFH 4502
SFH 4503
2000-01-01
1
OPTO SEMICONDUCTORS
SFH 4501, SFH 4502, SFH 4503
Features
• Very highly efficient GaAs-LED
• High reliability
• Spectral match with silicon photodetectors
Applications
• IR remote control of hi-fi and TV-sets, video
tape recorders, dimmers
• Remote control for steady and varying intensity
• Sensor technology
• Discrete interrupters
Wesentliche Merkmale
• GaAs-LED mit sehr hohem Wirkungsgrad
• Hohe Zuverlässigkeit
• Gute spektrale Anpassung an
Si-Fotoempfänger
Anwendungen
• IR-Fernsteuerung von Fernseh- und
Rundfunkgeräten, Videorecordern,
Lichtdimmern
• Gerätefernsteuerungen für Gleich- und
Wechsellichtbetrieb
• Sensorik
• Diskrete Lichtschranken
Typ
Type
Bestellnummer
Ordering Code
Gehäuse
Package
SFH 4501
Q62702-P5061
5-mm-LED-Gehäuse (T 1
3/
4), schwarz eingefärbt, Anschluß im
2.54-mm-Raster (
1/
10’’),
Anodenkennzeichnung: kürzerer Anschluß
5 mm LED package (T 1
3/
4), black-colored epoxy resin lens,
solder tabs lead spacing 2.54 mm (
1/
10’’),
anode marking: short lead
SFH 4502
Q62702-P5062
SFH 4503
Q62702-P5305


Similar Part No. - SFH4502

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4502 OSRAM-SFH4502 Datasheet
106Kb / 9P
Schnelle IR-Lumineszenzdiode (950 nm) im 5 mm Radial
More results

Similar Description - SFH4502

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH4500 INFINEON-SFH4500 Datasheet
63Kb / 6P
Schnelle IR-Lumineszenzdiode (950 nm) im SMR-Gehuse High-Speed Infrared Emitter (950 nm) in SMR Package
2000-01-01
SFH4200 INFINEON-SFH4200 Datasheet
81Kb / 7P
Schnelle GaAs-IR-Lumineszenzdiode (950 nm),High-Speed GaAs Infrared Emitter (950 nm)
2000-01-01
logo
OSRAM GmbH
SFH4000 OSRAM-SFH4000 Datasheet
69Kb / 7P
Schnelle IR-Lumineszenzdiode High Speed Infrared Emitter
SFH4811 OSRAM-SFH4811 Datasheet
62Kb / 2P
IR-Lumineszenzdiode (950 nm) im TO-46-Geh짰se Infrared Emitter (950 nm) in TO-46 Package Lead (Pb) Free Product - RoHS Compliant
SFH487P OSRAM-SFH487P Datasheet
141Kb / 8P
GaAIAs-IR-Lumineszenzdiode (880 nm)
SFH4881 OSRAM-SFH4881 Datasheet
170Kb / 6P
IR-Lumineszenzdiode (880 nm) im TO-46-Geh채use
SFH4301 OSRAM-SFH4301 Datasheet
83Kb / 6P
Schnelle IR-Lumineszenzdiode (950 nm) im 3 mm Radial
SFH4501 OSRAM-SFH4501 Datasheet
106Kb / 9P
Schnelle IR-Lumineszenzdiode (950 nm) im 5 mm Radial
SFH-4301 OSRAM-SFH-4301 Datasheet
83Kb / 6P
Schnelle IR-Lumineszenzdiode (950 nm) im 3 mm Radial-Geh채use
SFH-4501 OSRAM-SFH-4501 Datasheet
106Kb / 9P
Schnelle IR-Lumineszenzdiode (950 nm) im 5 mm Radial-Geh채use
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com