Electronic Components Datasheet Search
  English  ▼

X  

STM4437 Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STM4437
Description  P -Channel Enhancement Mode MOS FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM4437 Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STM4437 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM4437 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM4437 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM4437 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM4437 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM4437 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM4437 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
- 30
P-Channel E nhancement Mode MOS FE T
ABS OLUTE MAXIMUM R ATINGS (TA=25 C unless otherwise noted)
Parameter
S ymbol
Limit
Unit
Drain-S ource Voltage
VDS
V
Gate-S ource Voltage
VGS
25
V
Drain Current-Continuous @ TJ=125 C
-Pulsed
ID
- 10
- 50
-1.7
2.5
A
A
A
W
IDM
Drain-S ource Diode Forward Current
IS
Maximum Power Dissipation
PD
Operating Junction and S torage
Temperature R ange
TJ, TS TG
-55 to 150
C
THE R MAL CHAR ACTE R IS TICS
Thermal R esistance, Junction-to-Ambient
R JA
50
/W
C
a
a
a
a
b
1
2
3
4
8
7
6
5
S
S
S
G
D
D
D
D
1
Aug.18 2004
S amHop Microelectronics C orp.
S urface Mount Package.
P R ODUC T S UMMAR Y
V DS S
ID
R DS (ON) ( m W ) Max
-10A
13 @ V GS = -20V
14 @ V GS = -10V
F E AT UR E S
S uper high dense cell design for low R DS(ON).
R ugged and reliable.
S O-8
1
-30V
S T M4437
24 @ V GS = -4.5V


Similar Part No. - STM4437

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STM4437A SAMHOP-STM4437A Datasheet
651Kb / 7P
P-Channel E nhancement Mode Field Effect Transistor
logo
SHENZHEN DOINGTER SEMIC...
STM4437A DOINGTER-STM4437A Datasheet
1Mb / 5P
P-Channel MOSFET uses advanced trench technology
More results

Similar Description - STM4437

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELM14801AA ETC-ELM14801AA Datasheet
173Kb / 4P
Dual P-Channel Enhancement Mode Power MOS FET
SD2204 ETC-SD2204 Datasheet
85Kb / 3P
P-CHANNEL ENHANCEMENT MODE D MOS FET
logo
MORE Semiconductor Comp...
MSC0203S MORESEMI-MSC0203S Datasheet
521Kb / 10P
N and P-Channel Enhancement Mode Power MOS FET
MSC0606W MORESEMI-MSC0606W Datasheet
701Kb / 8P
N and P-Channel Enhancement Mode Power MOS FET
MSC4606W MORESEMI-MSC4606W Datasheet
576Kb / 9P
N and P-Channel Enhancement Mode Power MOS FET
MSC0203S-SOT23 MORESEMI-MSC0203S-SOT23 Datasheet
521Kb / 10P
N and P-Channel Enhancement Mode Power MOS FET
MSC4606W-SOP8 MORESEMI-MSC4606W-SOP8 Datasheet
576Kb / 9P
N and P-Channel Enhancement Mode Power MOS FET
logo
Diotec Semiconductor
MMFTP84 DIOTEC-MMFTP84 Datasheet
142Kb / 2P
P-Channel Enhancement Mode FET
logo
SHENZHEN FUMAN ELECTRON...
3401 FUMAN-3401 Datasheet
319Kb / 2P
P-channel enhancement MOS FET
3401L FUMAN-3401L Datasheet
319Kb / 2P
P-channel enhancement MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com