Electronic Components Datasheet Search
  English  ▼

X  

ICS309 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ICS309
Description  SERIAL PROGRAMMABLE TRIPLE PLL SS VERSACLOCK SYNTH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS309 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ICS309 Datasheet HTML 2Page - Integrated Device Technology ICS309 Datasheet HTML 3Page - Integrated Device Technology ICS309 Datasheet HTML 4Page - Integrated Device Technology ICS309 Datasheet HTML 5Page - Integrated Device Technology ICS309 Datasheet HTML 6Page - Integrated Device Technology ICS309 Datasheet HTML 7Page - Integrated Device Technology ICS309 Datasheet HTML 8Page - Integrated Device Technology ICS309 Datasheet HTML 9Page - Integrated Device Technology ICS309 Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ICS309
SERIAL PROGRAMMABLE TRIPLE PLL SS VERSACLOCK SYNTH
SER PROG CLOCK SYNTHESIZER
IDT® SERIAL PROGRAMMABLE TRIPLE PLL SS VERSACLOCK SYNTH
9
ICS309
REV L 091311
Package Outline and Package Dimensions (20-pin SSOP, 150 Mil. Wide Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
"LF" suffix to the part number denotes Pb-Free configuration, RoHS compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result
from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by IDT. IDT reserves the right to change any
circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or
critical medical instruments.
Part / Order Number
Marking
Shipping packaging
Package
Temperature
309RLF
see page 8
Tubes
20-pin SSOP
0 to +70° C
309RLFT
Tape and Reel
20-pin SSOP
0 to +70° C
309RILF
see page 8
Tubes
20-pin SSOP
-40 to +85° C
309RILFT
Tape and Reel
20-pin SSOP
-40 to +85° C
INDEX
AREA
1 2
20
D
E1
E
SEATING
PLANE
A1
A
A2
e
- C -
b
aaa C
c
L
*For reference only. Controlling dimensions in mm.
Millimeters
Inches*
Symbol
Min
Max
Min
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
A2
--
1.50
--
0.059
b
0.20
0.30
0.008
0.012
c
0.18
0.25
0.007
0.010
D
8.55
8.75
0.337
0.344
E
5.80
6.20
0.228
0.244
E1
3.80
4.00
0.150
0.157
e
.635 Basic
.025 Basic
L
0.40
1.27
0.016
0.050
α
0°
8°
0°
8°
aaa
--
0.10
--
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com