Electronic Components Datasheet Search
  English  ▼

X  

STV8130AD Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV8130AD
Description  ADJUSTABLE AND 3.3 V DUAL VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8130AD Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV8130AD Datasheet HTML 4Page - STMicroelectronics STV8130AD Datasheet HTML 5Page - STMicroelectronics STV8130AD Datasheet HTML 6Page - STMicroelectronics STV8130AD Datasheet HTML 7Page - STMicroelectronics STV8130AD Datasheet HTML 8Page - STMicroelectronics STV8130AD Datasheet HTML 9Page - STMicroelectronics STV8130AD Datasheet HTML 10Page - STMicroelectronics STV8130AD Datasheet HTML 11Page - STMicroelectronics STV8130AD Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11/12
STV8130AD
REVISION HISTORY
7
REVISION HISTORY
Revision
Main Changes
Date
1.8
General Update; DISABLE pin renamed DISABLE (function remains unchanged).
August 2001
1.9
Thermal Data updated.
September 2001
2.0
Addition of DIP16 package.
September 2001
2.1
Thermal Data updated. Figure 1 and Figure 2 updated.
October 2001
2.2
Order code changed from STV8130A and STV8130D to STV8130A# and
STV8130D#. Update of VO1RST values in Chapter 2.3: Electrical Characteristics
on page 4.
31 January 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com