Electronic Components Datasheet Search
  English  ▼

X  

TCLL4148 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TCLL4148
Description  500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TCLL4148 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TCLL4148 Datasheet HTML 1Page - List of Unclassifed Manufacturers TCLL4148 Datasheet HTML 2Page - List of Unclassifed Manufacturers TCLL4148 Datasheet HTML 3Page - List of Unclassifed Manufacturers TCLL4148 Datasheet HTML 4Page - List of Unclassifed Manufacturers TCLL4148 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
March 2002 / A
Page 1
SEMICONDUCTOR
TAK CHEONG
®
500 mW LL-34 Hermetically
Sealed Glass Fast Switching
Diodes
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
500
mW
TSTG
Storage Temperature Range
-65 to +200
°C
TJ
Operating Junction Temperature
+175
°C
WIV
Working Inverse Voltage
75
V
IO
Average Rectified Current
150
mA
IFM
Non-repetitive Peak Forward Current
450
mA
IFSURGE
Peak Forward Surge Current
2
A
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Fast Switching Device (TRR <4.0 nS)
LL-34 (Mini-MELF) Package
Surface Device Type Mounting
Hermetically Sealed Glass
Compression Bonded Construction
All external surfaces are corrosion resistant and leads are readily solderable
1
st band indicates negative polarity
Electrical Characteristics
TA = 25°C unless otherwise noted
Limits
Symbol
Parameter
Test Condition
Min
Max
Unit
BV
Breakdown Voltage
IR=100µA
IR=5µA
100
75
Volts
IR
Reverse Leakage Current
VR=20V
VR=75V
25
5
nA
µA
VF
Forward Voltage
TCLL4448, TCLL914B
TCLL4148, TCLL4148
TCLL4448, TCLL914B
IF=5mA
IF=10mA
IF=100mA
0.62
0.72
1.0
1.0
Volts
TRR
Reverse Recovery Time
IF=IR=10mA
RL=100
Ω
IRR=1mA
4
nS
C
Capacitance
VR=0V, f=1MHZ
4
pF
Cathode
Anode
ELECTRICAL SYMBOL
DEVICE MARKING DIAGRAM
Cathode Band Color : Black
SURFACE MOUNT
LL34


Similar Part No. - TCLL4148

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCLL4148 TAK_CHEONG-TCLL4148 Datasheet
133Kb / 4P
500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
TCLL4148 TAK_CHEONG-TCLL4148 Datasheet
431Kb / 4P
500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
TCLL4148 TAK_CHEONG-TCLL4148_11 Datasheet
431Kb / 4P
500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
More results

Similar Description - TCLL4148

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCBAV100 TAK_CHEONG-TCBAV100 Datasheet
113Kb / 2P
500 mW LL-34 Hermetically Sealed Glass - High Voltage Switching Diodes
TCLL4148 TAK_CHEONG-TCLL4148 Datasheet
133Kb / 4P
500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
TCLL4151 TAK_CHEONG-TCLL4151 Datasheet
75Kb / 2P
500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
logo
Leshan Radio Company
LL4148 LRC-LL4148 Datasheet
427Kb / 4P
500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
logo
Tak Cheong Electronics ...
TCBAV100 TAK_CHEONG-TCBAV100_11 Datasheet
313Kb / 3P
500 mW LL-34 Hermetically Sealed Glass ??High Voltage Switching Diodes
TCLL4148 TAK_CHEONG-TCLL4148_11 Datasheet
431Kb / 4P
500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
TCLL4151 TAK_CHEONG-TCLL4151_11 Datasheet
309Kb / 3P
500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
logo
Yea Shin Technology Co....
1N4448 YEASHIN-1N4448 Datasheet
309Kb / 2P
500 mW DO-34 Hermetically Sealed Glass Fast Switching Diodes
LL4148 YEASHIN-LL4148 Datasheet
801Kb / 3P
500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
LL4448 YEASHIN-LL4448 Datasheet
801Kb / 3P
500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com