Electronic Components Datasheet Search
  English  ▼

X  

MP05166 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP05166
Description  SAW Filter 184.320MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP05166 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP05166 Datasheet HTML 1Page - Golledge Electronics Ltd MP05166 Datasheet HTML 2Page - Golledge Electronics Ltd MP05166 Datasheet HTML 3Page - Golledge Electronics Ltd MP05166 Datasheet HTML 4Page - Golledge Electronics Ltd MP05166 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 184.320MHz
Model: TB0995A
Part No: MP05166
Rev No: 1
TB0995A v1
1
A. MAXIMUM RATING:
Electrostatic Sensitive Device
1. Operating temperature range: -30°C to 85°C
2. Storage temperature range: -40°C to 85°C
3. Input Power Level: 15dBm
4. Maximum DC Voltage: 10V
B. CHARACTERISTICS:
Ambient Temperature: 25°C
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
-
184.32
-
Insertion Loss IL
dB
-
5.2
8.0
-1dB bandwidth
MHz
-
4.4
-
VSWR Fc ± 1.5MHz
MHz
-
2.0
2.4
Passband Ripple Fc ± 2.5MHz
dB
-
1.6
2.0
Attenuation: (Reference level from Min IL)
10MHz ~ 176.82MHz
dB
30
37
191.82MHz ~ 284.32MHz
dB
30
39
Temperature Coefficient
ppm/°C
-
-18
-
Source Impedance
Ohm
-
50
-
Load Impedance
Ohm
-
50
-
Note: Electrical characteristics shall be calculated with ideal capacitor and inductor.


Similar Part No. - MP05166

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP051 CTS-MP051 Datasheet
133Kb / 5P
Quartz Crystal
logo
Infinite Electronics In...
MP051000-2 FAIRVIEW-MP051000-2 Datasheet
525Kb / 3P
2 Way Power Divider SMA Connectors From 5 MHz to 1,000 MHz Rated at 1 Watts
REV 2.1
logo
Golledge Electronics Lt...
MP05118 GOLLEDGE-MP05118 Datasheet
231Kb / 6P
SAW Filter 2436.0MHz
MP05119 GOLLEDGE-MP05119 Datasheet
182Kb / 5P
SAW Resonator 315.0MHz
logo
Laird Tech Smart Techno...
MP0512-200 LSTD-MP0512-200 Datasheet
77Kb / 1P
this print is the property of laird tech
More results

Similar Description - MP05166

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com