Electronic Components Datasheet Search
  English  ▼

X  

TIL3022 Datasheet(PDF) 3 Page - Texas Instruments

Part # TIL3022
Description  OPTOCOUPLERS/OPTOISOLATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL3022 Datasheet(HTML) 3 Page - Texas Instruments

  TIL3022 Datasheet HTML 1Page - Texas Instruments TIL3022 Datasheet HTML 2Page - Texas Instruments TIL3022 Datasheet HTML 3Page - Texas Instruments TIL3022 Datasheet HTML 4Page - Texas Instruments TIL3022 Datasheet HTML 5Page - Texas Instruments TIL3022 Datasheet HTML 6Page - Texas Instruments TIL3022 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TIL3020 THRU TIL3023
OPTOCOUPLERS/OPTOISOLATORS
SOES028 – DECEMBER 1987 – REVISED OCTOBER 1995
7–3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
1.1
1
0.9
0.8
1.2
1.3
EMITTING DIODE TRIGGER CURRENT (NORMALIZED)
vs
FREE-AIR TEMPERATURE
1.4
– 50
– 25
0
25
50
75
100
TA – Free-Air Temperature – °C
ON-STATE CHARACTERISTICS
800
600
400
200
0
– 200
– 400
– 600
– 800
–3
–2
–1
0
1
2
3
VTM – Peak On-State Voltage – V
Output tw = 800 µs
IF = 20 mA
f = 60 Hz
TA = 25°C
Figure 2
Figure 3
0
0.01
0.1
1
NONREPETITIVE PEAK ON-STATE CURRENT
vs
PULSE DURATION
3
10
100
2
1
tw – Pulse Duration – ms
TA = 25°C
Figure 4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com