Electronic Components Datasheet Search
  English  ▼

X  

IXTH96N25T Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTH96N25T
Description  N-Channel Enhancement Mode Avalanche Rated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH96N25T Datasheet(HTML) 2 Page - IXYS Corporation

  IXTH96N25T Datasheet HTML 1Page - IXYS Corporation IXTH96N25T Datasheet HTML 2Page - IXYS Corporation IXTH96N25T Datasheet HTML 3Page - IXYS Corporation IXTH96N25T Datasheet HTML 4Page - IXYS Corporation IXTH96N25T Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTH96N25T IXTQ96N25T
IXTV96N25T
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS = 10V, ID = 0.5 • ID25, Note 1
50
82
S
C
iss
6100
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
625
pF
C
rss
75
pF
t
d(on)
20
ns
t
r
22
ns
t
d(off)
59
ns
t
f
28
ns
Q
g(on)
114
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 25A
33
nC
Q
gd
34
nC
R
thJC
0.20 °C/W
R
thCS
0.25
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
96
A
I
SM
Repetitive, pulse width limited by T
JM
300
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.5
V
t
rr
158
ns
I
RM
23
A
Q
RM
1.8
μC
Notes: 1. Pulse test, t
≤ 300ms; duty cycle, d ≤ 2%.
2. On through-hole packages, R
DS(on)
Kelvin test contact location must be
5 mm or less from the package body.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or moreof the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
PLUS220 (IXTV) Outline
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
R
G
= 2.5
Ω (External)
PRELIMINARY TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from data gathered during objective characterizations of preliminary engineering lots; but also may yet
contain some information supplied during a pre-production design evaluation. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.
I
F = 48A, -di/dt = 250 A/μs
V
R = 100 V,VGS = 0V
TO-3P (IXTQ) Outline
Pins:
1 - Gate
2 - Drain
3 - Source
4, TAB - Drain
TO-247AD Outline
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80
21.46
.819
.845
E
15.75
16.26
.610
.640
e
5.20
5.72
0.205 0.225
L
19.81
20.32
.780
.800
L1
4.50
.177
ÆP
3.55
3.65
.140
.144
Q
5.89
6.40
0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
Terminals: 1 - Gate
2 - Drain
3 - Source
Tab - Drain
1
2
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com