Electronic Components Datasheet Search
  English  ▼

X  

TBU-DF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # TBU-DF
Description  TBU High-Speed Protectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TBU-DF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  TBU-DF Datasheet HTML 1Page - Bourns Electronic Solutions TBU-DF Datasheet HTML 2Page - Bourns Electronic Solutions TBU-DF Datasheet HTML 3Page - Bourns Electronic Solutions TBU-DF Datasheet HTML 4Page - Bourns Electronic Solutions TBU-DF Datasheet HTML 5Page - Bourns Electronic Solutions TBU-DF Datasheet HTML 6Page - Bourns Electronic Solutions TBU-DF Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
TBU-DF Series - TBU® High-Speed Protectors
Reference Application
The TBU® devices are general use protectors used in a wide
variety of applications, including telecommunications, industrial
communications and automotive battery management systems.
The maximum voltage rating of the TBU® device should never
be exceeded. Where necessary, an OVP device should be
employed to limit the maximum voltage. A cost-effective protection
solution combines Bourns® TBU® protection devices with a pair
of Bourns® TISP® Overvoltage Protectors or MOVs. For band-
width sensitive applications, a Bourns® GDT may be substituted
for the MOV.
The TBU® device, constructed using MOSFET semiconductor
technology, placed in the system circuit will monitor the
current with the MOSFET detection circuit triggering to provide
an effective barrier behind which sensitive electronics are not
exposed to large voltages or currents during transient events.
When operated, the TBU® device will limit the current to less
than the Itrigger value within the tblock duration. If voltage
above Vreset is continuously sustained, the TBU® device will
subsequently reduce the current to a quiescent current level
within a period of time that is dependent upon the applied
voltage.
After the surge, the TBU® device resets when the voltage
across the TBU® device falls to the Vreset level. The TBU®
device will automatically reset on lines which have no DC bias
or have DC bias below Vreset (such as unpowered signal lines).
Basic TBU Operation
TBU® Device
Load
Line
Side
3
4
1
6
OVP
OVP



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com