Electronic Components Datasheet Search
  English  ▼

X  

4052 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 4052
Description  ANALOG MULTIPLEXERS /DEMULTIPLEXERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4052 Datasheet(HTML) 2 Page - Unisonic Technologies

  4052 Datasheet HTML 1Page - Unisonic Technologies 4052 Datasheet HTML 2Page - Unisonic Technologies 4052 Datasheet HTML 3Page - Unisonic Technologies 4052 Datasheet HTML 4Page - Unisonic Technologies 4052 Datasheet HTML 5Page - Unisonic Technologies 4052 Datasheet HTML 6Page - Unisonic Technologies 4052 Datasheet HTML 7Page - Unisonic Technologies 4052 Datasheet HTML 8Page - Unisonic Technologies 4052 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
UTC 4052
CMOS
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R502-013,A
INHIBIT
A
B
X0
X1
X2
X3
Y0
Y1
Y2
Y3
6
10
9
12
14
15
11
1
5
2
4
X
Y
Dual 4-Channel Analog
Multiplexer/Demultiplexer
CONTROLS
SWITCHES
IN/OUT
COMMONS
OUT/IN
13
9
VDD=PIN16, VSS=PIN8, VEE=PIN7
1
2
3
4
5
6
7
8
Y0
Y2
Y
Y3
Y1
INH
VEE
Vss
9
10
11
12
13
14
15
16
VDD
X2
X1
X
X0
X3
A
B
PIN ASSIGMENT
Note: Control Inputs referenced to Vss.
Analog Inputs and Outputs reference to VEE.
VEE must be <Vss.
ELECTRICAL CHARACTERISTICS
-55°C
25°C
125°C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN MAX MIN TYP*3 MAX MIN MAX
UNIT
SUPPLY REQUIREMENTS (Voltages Referenced to VEE)
Power Current Per
Range
VDD
VDD-3.0≥Vss≥VEE
3.0
18 3.0
18
3.0
18
V
Quiescent Current
Per Package
IDD
Control Inputs:
Vin=Vss or VDD,Switch
I/O : VEE≤VI/O≤≤VDD,
and△Vswitch≤500mV *4
VDD=5.0V
VDD=10V
VDD=15V
5.0
10
20
0.005
0.010
0.015
5.0
10
20
150
300
600
µA
Total Supply Current
(Dynamic Plus
Quiescent, Per
Package
ID(AV)
TA=25℃only (The
channel component,
(Vin-Vout) /Ron, is not
included.)
VDD=5.0V
VDD=10V
VDD=15V
(0.07µA/kHz)f+IDD
Typical (0.20µA/kHz)f+IDD
(0.36µA/kHz)f+IDD
µA
CONTROL INPUTS-INHIBIT, A, B, C (Voltages Referenced to Vss)
Low-Level Input
Voltage
VIL
Ron=per spec,
Ioff=per spec
VDD=5.0V
VDD=10V
VDD=15V
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
V
High-Level Input
Voltage
VIH
Ron=per spec,
Ioff=per spec
VDD=5.0V
VDD=10V
VDD=15V
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
-
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com