Electronic Components Datasheet Search
  English  ▼

X  

IXTP80N12T2 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTP80N12T2
Description  N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP80N12T2 Datasheet(HTML) 5 Page - IXYS Corporation

  IXTP80N12T2 Datasheet HTML 1Page - IXYS Corporation IXTP80N12T2 Datasheet HTML 2Page - IXYS Corporation IXTP80N12T2 Datasheet HTML 3Page - IXYS Corporation IXTP80N12T2 Datasheet HTML 4Page - IXYS Corporation IXTP80N12T2 Datasheet HTML 5Page - IXYS Corporation IXTP80N12T2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
IXTA80N12T2
IXTP80N12T2
Fig. 14. Resistive Turn-on Rise Time vs.
Drain Current
10
12
14
16
18
20
40
45
50
55
60
65
70
75
80
ID - Amperes
TJ = 25ºC
TJ = 125ºC
RG = 10Ω , VGS = 10V
VDS = 60V
Fig. 15. Resistive Turn-on Switching Times vs.
Gate Resistance
0
20
40
60
80
100
120
140
160
180
10
15
20
25
30
35
40
45
50
RG - Ohms
0
15
30
45
60
75
90
105
120
135
t r
td(on) - - - -
TJ = 125ºC, VGS = 10V
VDS = 60V
I D = 40A
I D = 80A
Fig. 16. Resistive Turn-off Switching Times vs.
Junction Temperature
0
10
20
30
40
50
60
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
20
30
40
50
60
70
80
t f
td(off) - - - -
RG = 10Ω, VGS = 10V
VDS = 60V
I D = 40A
I D = 80A
Fig. 13. Resistive Turn-on Rise Time vs.
Junction Temperature
10
12
14
16
18
20
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
RG = 10Ω , VGS = 10V
VDS = 60V
I D = 80A
I D = 40A
Fig. 17. Resistive Turn-off Switching Times vs.
Drain Current
10
15
20
25
30
35
40
40
45
50
55
60
65
70
75
80
ID - Amperes
20
30
40
50
60
70
80
t f
td(off) - - - -
RG = 10Ω, VGS = 10V
VDS = 60V
TJ = 25ºC, 125ºC
Fig. 18. Resistive Turn-off Switching Times vs.
Gate Resistance
0
20
40
60
80
100
120
140
10
15
20
25
30
35
40
45
50
RG - Ohms
0
50
100
150
200
250
300
350
t f
td(off) - - - -
TJ = 125ºC, VGS = 10V
VDS = 60V
I D = 80A, 40A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com