Electronic Components Datasheet Search
  English  ▼

X  

IXTP120N075T2 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTP120N075T2
Description  N-Channel Enhancement Mode Avalanche Rated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP120N075T2 Datasheet(HTML) 2 Page - IXYS Corporation

  IXTP120N075T2 Datasheet HTML 1Page - IXYS Corporation IXTP120N075T2 Datasheet HTML 2Page - IXYS Corporation IXTP120N075T2 Datasheet HTML 3Page - IXYS Corporation IXTP120N075T2 Datasheet HTML 4Page - IXYS Corporation IXTP120N075T2 Datasheet HTML 5Page - IXYS Corporation IXTP120N075T2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTA120N075T2
IXTP120N075T2
Symbol
Test Conditions
Characteristic Values
(T
J = 25C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 10V, ID = 60A, Note 1
38
62
S
C
iss
4740
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
585
pF
C
rss
75
pF
t
d(on)
13
ns
t
r
33
ns
t
d(off)
21
ns
t
f
18
ns
Q
g(on)
78
nC
Q
gs
V
GS= 10V, VDS = 0.5 • VDSS, ID = 60A
24
nC
Q
gd
23
nC
R
thJC
0.62
C/W
R
thCS
TO-220
0.50
C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
120
A
I
SM
Repetitive, Pulse Width Limited by T
JM
480
A
V
SD
I
F = 60A, VGS = 0V, Note 1
1.3
V
t
rr
50
ns
I
RM
4
A
Q
RM
100
nC
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065B1
6,683,344
6,727,585
7,005,734B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123B1
6,534,343
6,710,405B2
6,759,692
7,063,975B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728B1
6,583,505
6,710,463
6,771,478B2 7,071,537
I
F = 60A, VGS = 0V,
-di/dt = 100A/
s, V
R = 37V
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 60A
R
G = 5 (External)
Notes: 1. Pulse test, t  300s; duty cycle, d  2%.
2. On through-hole packages, R
DS(on) Kelvin test contact
location must be 5mm or less from the package body.
TO-220 Outline
1 - Gate
2,4 - Drain
3 - Source
E1
E
A
D1
D
Q
L1
oP
H1
A1
L
A2
D2
e
c
e1
e1
3X b2
e
3X b
EJECTOR
PIN
TO-263 Outline
1 - Gate
2,4 - Drain
3 - Source
C2
A
H
1
b
D
E
D1
E1
b2
L2
L1
2
3
4
L3
A2
A1
e
c
e
0

0.43 [11.0]
0.66 [16.6]
0.06 [1.6]
0.10 [2.5]
0.20 [5.0]
0.34 [8.7]
60.12 [3.0]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com