Electronic Components Datasheet Search
  English  ▼

X  

OVFSG7C8 Datasheet(PDF) 3 Page - TT Electronics.

Part # OVFSG7C8
Description  4-Pin LED Lamp (7.6 mm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVFSG7C8 Datasheet(HTML) 3 Page - TT Electronics.

  OVFSG7C8 Datasheet HTML 1Page - TT Electronics. OVFSG7C8 Datasheet HTML 2Page - TT Electronics. OVFSG7C8 Datasheet HTML 3Page - TT Electronics. OVFSG7C8 Datasheet HTML 4Page - TT Electronics. OVFSG7C8 Datasheet HTML 5Page - TT Electronics. OVFSG7C8 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4-Pin LED Lamp (7.6 mm)
OVFSxxC8
© TT electronics plc
Issue D
8/2017
Page 3
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Typical Electro-Optical Characteristics Curves — OVFSB7C8 (Blue) & OVFSG7C8
Relative Luminous Flux vs Forward Current
Forward Current vs Forward Voltage
Relative Luminous Flux vs Wavelength
Maximum Forward DC Current vs
Ambient Temperature
Reverse Current vs Reverse Voltage
Angular Distribution
50% Power Angle: 70°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com