Electronic Components Datasheet Search
  English  ▼

X  

W78LE365 Datasheet(PDF) 21 Page - Winbond

Part # W78LE365
Description  8-BIT MICROCONTROLLER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78LE365 Datasheet(HTML) 21 Page - Winbond

Back Button W78LE365 Datasheet HTML 17Page - Winbond W78LE365 Datasheet HTML 18Page - Winbond W78LE365 Datasheet HTML 19Page - Winbond W78LE365 Datasheet HTML 20Page - Winbond W78LE365 Datasheet HTML 21Page - Winbond W78LE365 Datasheet HTML 22Page - Winbond W78LE365 Datasheet HTML 23Page - Winbond W78LE365 Datasheet HTML 24Page - Winbond W78LE365 Datasheet HTML 25Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
W78LE365
6.10 Software Reset
Set CHPCON = 0X83, timer and enter IDLE mode. CPU will reset and restart from APFLASH after
time out.
6.11 H/W Reboot Mode (Boot from LDROM)
By default, the W78LE365 boots from APROM program after a power on reset. On some occasions,
user can force the W78LE365 to boot from the LDROM program via following settings. The possible
situation that you need to enter H/W REBOOT mode when the APROM program can not run properly
and device can not jump back to LDROM to execute in-system programming function. Then you can
use this H/W REBOOT mode to force the W78LE365 jumps to LDROM and executes in-system
programming procedure. When you design your system, you may reserve the pins P2.6, P2.7 to
switches or jumpers. For example in a CD-ROM system, you can connect the P2.6 and P2.7 to PLAY
and EJECT buttons on the panel. When the APROM program fails to execute the normal application
program. User can press both two buttons at the same time and then turn on the power of the
personal computer to force the W78LE365 to enter the H/W REBOOT mode. After power on of
personal computer, you can release both buttons and finish the in-system programming procedure to
update the APROM code. In application system design, user must take care of the P2, P3, ALE, EA
and PS
pin value at reset to prevent from accidentally activating the programming mode or H/W
REBOOT mode. It is necessary to add 10K resistor on these P2.6, P2.7 and P4.3 pins.
EN
H/W Reboot MODE
P4.3
P2.7
P2.6
MODE
X
L
L
REBOOT
L
X
X
REBOOT
P2.7
P2.6
RST
30 mS
Hi-Z
The Reset Timing For Entering
F04KBOOT Mode
10 mS
Hi-Z
Publication Release Date: August 5, 2004
- 21 -
Revision A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com