Electronic Components Datasheet Search
  English  ▼

X  

MP02129 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP02129
Description  SAW Filter 119.64MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP02129 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP02129 Datasheet HTML 1Page - Golledge Electronics Ltd MP02129 Datasheet HTML 2Page - Golledge Electronics Ltd MP02129 Datasheet HTML 3Page - Golledge Electronics Ltd MP02129 Datasheet HTML 4Page - Golledge Electronics Ltd MP02129 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 119.64MHz
Model: TB0777A
Part No: MP02129
REV NO.: 1
TB0777A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC voltage : 3 V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Note
Center frequency, Fc
MHz
-
119.64
-
-
Minimum Insertion Loss, IL
dB
-
4
5.5
-
3 dB bandwidth (from Fc)
KHz
5
55
-
-
Group delay ripple in Fc±2.5KHz, GD
μs
-
5
10
-
Attenuation:(Ref level from min IL)
Fc - 2.5 to Fc + 2.5 KHz
dB
-
1.2
3.0
-
Fc ± 80 to Fc ± 120 KHz
dB
13
23
-
-
Fc ± 120 to Fc ± 240 KHz
dB
43
50
-
-
Fc ± 240 to Fc ± 330 KHz
dB
45
55
-
-
Fc ± 330 to Fc ± 480 KHz
dB
45
55
-
-
Fc ± 480 to Fc ± 660 KHz
dB
45
55
-
-
Temperature coefficient of frequency
TCf
-0.033 ppm/C
2
Z IN =416.2 Ω // -4 .6 5 p F
Z OUT=416.2 Ω // -4 .6 5 p F
S ourc e im p eda nc e
50
Ω
Lo a d im ped anc e
50
Ω


Similar Part No. - MP02129

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
MP021000-2 FAIRVIEW-MP021000-2 Datasheet
108Kb / 1P
A (31.8) 1.25" FAIRVIEW MICROWAVE INC. (16.0) .63" ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
REV A
logo
Golledge Electronics Lt...
MP02103 GOLLEDGE-MP02103 Datasheet
214Kb / 5P
SAW Filter 787.50MHz
MP02111 GOLLEDGE-MP02111 Datasheet
128Kb / 7P
SAW Filter 2313.5MHz
MP02132 GOLLEDGE-MP02132 Datasheet
155Kb / 7P
SAW Filter 1680.0MHz
MP02138 GOLLEDGE-MP02138 Datasheet
82Kb / 4P
SAW Filter 533.33MHz
More results

Similar Description - MP02129

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0196A TAI-SAW-TB0196A Datasheet
261Kb / 7P
SAW Filter 119.64MHz
TB0777A TAI-SAW-TB0777A Datasheet
261Kb / 7P
SAW Filter 119.64MHz
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com