Electronic Components Datasheet Search
  English  ▼

X  

MP02864 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP02864
Description  SAW Filter 145MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP02864 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP02864 Datasheet HTML 1Page - Golledge Electronics Ltd MP02864 Datasheet HTML 2Page - Golledge Electronics Ltd MP02864 Datasheet HTML 3Page - Golledge Electronics Ltd MP02864 Datasheet HTML 4Page - Golledge Electronics Ltd MP02864 Datasheet HTML 5Page - Golledge Electronics Ltd MP02864 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 145MHz
Model: TB0790A
Part No: MP02864
Rev No: 1
TB0790A v1
1
A. MAXIMUM RATING:
1. Operating temperature range: -40°C to +65°C
2. Storage temperature range: -40°C to +85°C
3. Input Power Level: 10dBm
4. Maximum DC Voltage: 10V
B. CHARACTERISTICS:
Electrical Parameters
Value
Parameter
Sign
Units
Min.
Typ.
Max.
Central Frequency
Fc
MHz
-
145
-
Insertion Loss
IL
dB
-
3.0
3.5
-0.5 dB Pass Bandwidth
BW1
MHz
0.050
0.068
-
-3 dB Pass Bandwidth
BW3
MHz
-
0.098
0.140
-40 dB Pass Bandwidth
BW40
MHz
-
0.28
0.38
Amplitude Ripple Fc ± 0.02MHz
AR
dB
-
0.3
0.5
Input/Output VSWR at Fc
VSWR
-
-
1.2
1.7
Relative Attenuation
DC ~ 144.6MHz
UR
dB
50
70
-
145.4MHz ~ 290MHz
UR
dB
50
60
-
290MHz ~ 435MHz
UR
dB
50
70
-
Source and Load Impedances
RS/RL
50


Similar Part No. - MP02864

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP02824 GOLLEDGE-MP02824 Datasheet
129Kb / 7P
SAW Filter 2580.0MHz
MP02832 GOLLEDGE-MP02832 Datasheet
110Kb / 6P
SAW Filter 130.06MHz
MP02834 GOLLEDGE-MP02834 Datasheet
95Kb / 4P
SAW Filter 350MHz
MP02837 GOLLEDGE-MP02837 Datasheet
75Kb / 5P
SAW Filter 416MHz
MP02854 GOLLEDGE-MP02854 Datasheet
72Kb / 5P
SAW Filter 503.5MHz
More results

Similar Description - MP02864

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0790A TAI-SAW-TB0790A Datasheet
311Kb / 7P
SAW Filter 145MHz 0.05MHz BW (SMD 13.3횞6.5 mm)
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
Oscilent Corporation
813-IF145.0M-16B OSCILENT-813-IF145.0M-16B Datasheet
214Kb / 6P
145MHz IF SAW Filter 15.88MHz Bandwidth
813-IF145.0M-26B OSCILENT-813-IF145.0M-26B Datasheet
216Kb / 6P
145MHz IF SAW Filter 26.0MHz Bandwidth
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
logo
TAI-SAW TECHNOLOGY CO.,...
TL0031A TAI-SAW-TL0031A Datasheet
356Kb / 4P
LTCC Filter 1880 ~ 2025(1952.5) MHz SMD 1.6x0.8 mm (145MHz BW)
TB1286A TAI-SAW-TB1286A Datasheet
333Kb / 7P
145MHz 41.9MHzBW SMD 5.0mm x 5.0mm SAW IF Filter
TB1318A TAI-SAW-TB1318A Datasheet
352Kb / 7P
145MHz 0.125MHzBW SMD 7.0mm x 5.0mm SAW IF Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com