Electronic Components Datasheet Search
  English  ▼

X  

MP03014 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP03014
Description  IF SAW Filter 256.36MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03014 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP03014 Datasheet HTML 1Page - Golledge Electronics Ltd MP03014 Datasheet HTML 2Page - Golledge Electronics Ltd MP03014 Datasheet HTML 3Page - Golledge Electronics Ltd MP03014 Datasheet HTML 4Page - Golledge Electronics Ltd MP03014 Datasheet HTML 5Page - Golledge Electronics Ltd MP03014 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
IF SAW Filter 256.36MHz
Model: TB0788A
Part No: MP03014
Rev No: 1
TB0788A v1
1
A. MAXIMUM RATING:
1. Operating Temperature: -30°C ~ +85°C
2. Storage Temperature: -40°C ~ +85°C
3. Input power: 10dBm
B. CHARACTERISTICS:
Ambient Temperature: 25°C
Item
Unit
Min.
Typ.
Max.
Center Frequency
MHz
-
256.36
-
Insertion Loss (Fc ± 10.0MHz)
dB
-
12
16
Passband Ripple (Fc ± 10.0MHz)
dB
-
0.55
1.0
1dB BW
MHz
20
21.5
-
45dB BW
MHz
-
30.5
31
Attenuation 1 @ 10 ~ 240MHz
dB
40
44
-
Attenuation 2 @ 273 ~ 460MHz
dB
40
43
-
C. FREQUENCY CHARACTERISTICS:
1. S21 Response: (span: 80MHz)
Fig 1. Horizontal: 8MHz/Div Vertical: 10dB/Div


Similar Part No. - MP03014

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP03018 GOLLEDGE-MP03018 Datasheet
128Kb / 6P
SAW Filter 918MHz
MP03019 GOLLEDGE-MP03019 Datasheet
183Kb / 5P
SAW Filter 916.450MHz
More results

Similar Description - MP03014

ManufacturerPart #DatasheetDescription
logo
EPCOS
B1708 EPCOS-B1708 Datasheet
104Kb / 10P
SAW IF filter
logo
Oscilent Corporation
813-SL60.0M-11 OSCILENT-813-SL60.0M-11 Datasheet
291Kb / 3P
IF SAW Filter
813-SL70.0M-16 OSCILENT-813-SL70.0M-16 Datasheet
232Kb / 3P
IF SAW Filter
813-SL70.0M-20 OSCILENT-813-SL70.0M-20 Datasheet
302Kb / 2P
IF SAW Filter
logo
EPCOS
B5105 EPCOS-B5105 Datasheet
103Kb / 8P
SAW IF filter
logo
TDK Electronics
B39171B5068H810 TDK-B39171B5068H810 Datasheet
84Kb / 8P
SAW IF filter
B39171B5070H810 TDK-B39171B5070H810 Datasheet
88Kb / 8P
SAW IF filter
B39171B5220H810 TDK-B39171B5220H810 Datasheet
82Kb / 7P
SAW IF filter
B39191B5219H810 TDK-B39191B5219H810 Datasheet
118Kb / 8P
SAW IF filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0788A TAI-SAW-TB0788A Datasheet
370Kb / 7P
IF SAW Filter 256.36MHz(BW=20MHz) SMD 5X7mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com