Electronic Components Datasheet Search
  English  ▼

X  

MP03515 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP03515
Description  SAW Filter 256.0MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03515 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP03515 Datasheet HTML 1Page - Golledge Electronics Ltd MP03515 Datasheet HTML 2Page - Golledge Electronics Ltd MP03515 Datasheet HTML 3Page - Golledge Electronics Ltd MP03515 Datasheet HTML 4Page - Golledge Electronics Ltd MP03515 Datasheet HTML 5Page - Golledge Electronics Ltd MP03515 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 256.0MHz
Model: TB0758A
Part No: MP03515
Rev. No: 1
TB0758A v1
1
A. MAXIMUM RATING:
1. Operating Temperature: -40°C ~ +90°C
2. Storage Temperature: -40°C ~ +90°C
3. Input power: 20dBm
B. CHARACTERISTICS:
Ambient Temperature: 25°C
Value
Characteristics
Min.
Typ.
Max.
Note
Center frequency Fc MHz
-
256
-
-
Minimum Insertion loss IL dB
-
10.2
13.0
-
1dB BW MHz
34
38
-
40dB BW MHz
-
45
50.0
Attenuation (Reference to Minimum Insertion loss)
225MHz dB
40
51
-
-
290MHz dB
40
47
-
-
Temp Coefficient ppm/K
-
-94
-
-
Matching:
1. The input of the filter will be matched to 50
2. The output of the filter will be matched to 50


Similar Part No. - MP03515

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP03519 GOLLEDGE-MP03519 Datasheet
189Kb / 7P
SAW Filter 1542.50MHz
More results

Similar Description - MP03515

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com