Electronic Components Datasheet Search
  English  ▼

X  

MP04031 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP04031
Description  SAW Filter 70.0MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP04031 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP04031 Datasheet HTML 1Page - Golledge Electronics Ltd MP04031 Datasheet HTML 2Page - Golledge Electronics Ltd MP04031 Datasheet HTML 3Page - Golledge Electronics Ltd MP04031 Datasheet HTML 4Page - Golledge Electronics Ltd MP04031 Datasheet HTML 5Page - Golledge Electronics Ltd MP04031 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 70.0MHz
Model: TB1001A
Part No: MP04031
Rev No: 1
TB1001A v1
1
A. MAXIMUM RATING:
1. Operating temperature range: -10°C to 70°C
2. Storage temperature range: -40°C to 85°C
3. Input Power Level: 10dBm
4. Maximum DC Voltage: 10V
B. CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
69.97
70.00
70.03
Insertion Loss IL
dB
-
17.0
20.0
1dB Bandwidth
MHz
1.25
1.40
-
3dB Bandwidth
MHz
1.4
1.62
-
40dB Bandwidth
MHz
-
2.56
2.66
Relative Attenuation:
10 to 68.3MHz
dB
40
50
-
71.7 to 140MHz
dB
40
45
-
Amplitude ripple within Fc ± 0.5MHz
dB
-
0.60
1.0
Phase Linearity within Fc ± 0.5MHz
°rms
-
1.0
2.00
Absolute Delay
usec
-
2.6
-
Substrate Material
-
-
Quartz
-
Electrostatic Sensitive Device


Similar Part No. - MP04031

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP040 CTS-MP040 Datasheet
133Kb / 5P
Quartz Crystal
logo
Golledge Electronics Lt...
MP04015 GOLLEDGE-MP04015 Datasheet
156Kb / 5P
SAW Filter 1560.0MHz
MP04018 GOLLEDGE-MP04018 Datasheet
110Kb / 7P
SAW Filter 879.0MHz
MP04025 GOLLEDGE-MP04025 Datasheet
73Kb / 5P
SAW Filter 431.0MHz
MP04027 GOLLEDGE-MP04027 Datasheet
67Kb / 5P
SAW Filter 433.420MHz
More results

Similar Description - MP04031

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA05435 GOLLEDGE-MA05435 Datasheet
102Kb / 3P
70.0MHz SAW Filter
MA05987 GOLLEDGE-MA05987 Datasheet
116Kb / 3P
70.0MHz SAW Filter
MA06843 GOLLEDGE-MA06843 Datasheet
138Kb / 3P
SAW Filter: 70.0MHz
MA06965 GOLLEDGE-MA06965 Datasheet
106Kb / 3P
SAW Filter 70.0MHz
MA07421 GOLLEDGE-MA07421 Datasheet
95Kb / 3P
SAW Filter 70.0MHz
MA06738 GOLLEDGE-MA06738 Datasheet
108Kb / 3P
SAW Filter 70.0MHz
MP05682 GOLLEDGE-MP05682 Datasheet
169Kb / 5P
SAW Filter 70.0MHz
MP04766 GOLLEDGE-MP04766 Datasheet
104Kb / 5P
SAW Filter 70.0MHz
MP05012 GOLLEDGE-MP05012 Datasheet
240Kb / 5P
SAW Filter 70.0MHz
MP07281 GOLLEDGE-MP07281 Datasheet
153Kb / 6P
SAW Filter 70.0MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com