Electronic Components Datasheet Search
  English  ▼

X  

ULD5133G-AB3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # ULD5133G-AB3-R
Description  ADAPTIVE CURRENT RIPPLE REMOVING CIRCUIT CONTROLLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULD5133G-AB3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  ULD5133G-AB3-R Datasheet HTML 1Page - Unisonic Technologies ULD5133G-AB3-R Datasheet HTML 2Page - Unisonic Technologies ULD5133G-AB3-R Datasheet HTML 3Page - Unisonic Technologies ULD5133G-AB3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
ULD5133
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R125-076.b
ADAPT I V E 1 0 0 /1 2 0 H z
CU RREN T RI PPLE REM OV I N G
CI RCU I T CON T ROLLER
DESCRI PT I ON
UTC ULD5133 is a controller, which drives external NMOSFET
to remove the 100/120Hz LED current ripple on AC/DC power by a
capacitor between VC and GND. The chip ensures minimum power
dissipation on NMOSFET while removing LED current ripple relying
on the adaptive technology.
UTC ULD5133 allows user to setup the maximum cathode
voltage of LED string by sensing the drain voltage of NMOSFET
which could help limit the power dissipation on chip.
FEAT U RES
* Controller for adaptive 100/120Hz current ripple remover
* Amplitude of LED current ripple programming
* Maximum cathode voltage of LED programming
* Maximum LED current programming
ORDERI N G I N FORM AT I ON
Ordering Number
Lead Free
Halogen Free
Package
Packing
ULD5133L-AE3-R
ULD5133G-AE3-R
SOT-23
Tape Reel
ULD5133L-AB3-R
ULD5133G-AB3-R
SOT-89
Tape Reel
M ARK I N G
SOT-89
SOT-23
5133


Similar Part No. - ULD5133G-AB3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ULD5131 UTC-ULD5131 Datasheet
153Kb / 4P
ADAPTIVE 100/120Hz CURRENT RIPPLE REMOVING CIRCUIT CONTROLLER
ULD5131G-S08-R UTC-ULD5131G-S08-R Datasheet
153Kb / 4P
ADAPTIVE 100/120Hz CURRENT RIPPLE REMOVING CIRCUIT CONTROLLER
ULD5131L-S08-R UTC-ULD5131L-S08-R Datasheet
153Kb / 4P
ADAPTIVE 100/120Hz CURRENT RIPPLE REMOVING CIRCUIT CONTROLLER
ULD5132 UTC-ULD5132 Datasheet
109Kb / 4P
ADAPTIVE CURRENT RIPPLE REMOVING CIRCUIT CONTROLLER
ULD5132G-SH2-R UTC-ULD5132G-SH2-R Datasheet
109Kb / 4P
ADAPTIVE CURRENT RIPPLE REMOVING CIRCUIT CONTROLLER
More results

Similar Description - ULD5133G-AB3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FD2004 FAIRCHILD-FD2004 Datasheet
745Kb / 2P
Adaptive Digital DC-DC Controller with Current Sharing
logo
Intersil Corporation
ZL2004 INTERSIL-ZL2004 Datasheet
614Kb / 42P
Adaptive Digital DC-DC Controller with Current Sharing
February 18, 2009
ZL2004ALNN-01 INTERSIL-ZL2004ALNN-01 Datasheet
229Kb / 7P
Adaptive Digital DC/DC Controller with Current Sharing
May 23, 2011
logo
List of Unclassifed Man...
WS9931 ETC2-WS9931 Datasheet
416Kb / 6P
LED Ripple Current Elimination Controller
logo
Shenzhen Winsemi Microe...
WS9931 WINSEMI-WS9931 Datasheet
416Kb / 6P
LED Ripple Current Elimination Controller
logo
Renesas Technology Corp
ZL2004-01 RENESAS-ZL2004-01 Datasheet
409Kb / 8P
Adaptive Digital DC/DC Controller with Current Sharing
logo
Unisonic Technologies
ULD5121 UTC-ULD5121 Datasheet
162Kb / 4P
ADAPTIVE 100/120Hz CURRENT RIPPLE REMOVING CIRCUIT CONTROLLER
ULD5131 UTC-ULD5131 Datasheet
153Kb / 4P
ADAPTIVE 100/120Hz CURRENT RIPPLE REMOVING CIRCUIT CONTROLLER
ULD5132 UTC-ULD5132 Datasheet
109Kb / 4P
ADAPTIVE CURRENT RIPPLE REMOVING CIRCUIT CONTROLLER
logo
Diodes Incorporated
AL5822 DIODES-AL5822 Datasheet
380Kb / 10P
ADAPTIVE 100Hz/120Hz LED CURRENT RIPPLE SUPPRESSOR
Rev 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com