Electronic Components Datasheet Search
  English  ▼

X  

AD9115 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9115
Description  Dual Low Power Digital-to-Analog Converters
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9115 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9115 Datasheet HTML 7Page - Analog Devices AD9115 Datasheet HTML 8Page - Analog Devices AD9115 Datasheet HTML 9Page - Analog Devices AD9115 Datasheet HTML 10Page - Analog Devices AD9115 Datasheet HTML 11Page - Analog Devices AD9115 Datasheet HTML 12Page - Analog Devices AD9115 Datasheet HTML 13Page - Analog Devices AD9115 Datasheet HTML 14Page - Analog Devices AD9115 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
Data Sheet
AD9114/AD9115/AD9116/AD9117
Rev. D | Page 11 of 52
Pin No.
Mnemonic
Description
29
IOUTN
Complementary I DAC Current Output. Full-scale current is sourced when all data bits are 0s.
30
RLIN
Load Resistor (62.5 Ω) to the CMLI Pin. For the internal load resistor to be used, this pin should be tied to
IOUTN externally.
31
CMLI
I DAC Output Common-Mode Level. When the internal on-chip (IRCML) is enabled, this pin is connected to the
on-chip IRCML resistor. It is recommended to leave this pin unconnected. When the internal on-chip (IRCML) is
disabled, this pin is the common-mode load for I DAC and must be connected to AVSS through a resistor, see
the Using the Internal Termination Resistors section. Recommended value for this external resistor is 0 Ω.
32
FSADJQ/AUXQ
Full-Scale Current Output Adjust (FSADJQ). When the internal on chip (QRSET) is disabled, this pin is the full-scale
current output adjust for Q DAC and must be connected to AVSS through a resistor, see the Theory of Operation
section. Nominal value for this external resistor is 4 kΩ for 8 mA output current.
Auxiliary Q DAC Output (AUXQ). When the internal on-chip (QRSET) is enabled, this pin is the auxiliary Q DAC output.
33
FSADJI/AUXI
Full-Scale Current Output Adjust (FSADJI). When the internal on-chip (IRSET) is disabled, this pin is the full-scale
current output adjust for I DAC and must be connected to AVSS through a resistor, see the Theory of Operation
section. Nominal value for this external resistor is 4 kΩ for 8 mA output current.
Auxiliary I DAC Output (AUXI). When the internal on-chip (IRSET) is enabled, it is the auxiliary I DAC output.
34
REFIO
Reference Input/Output. Serves as a reference input when the internal reference is disabled. Provides a 1.0 V
reference output when in internal reference mode (a 0.1 µF capacitor to AVSS is required).
35
RESET/PINMD
This pin defines the operation mode of the part. A logic low (pull-down to DVSS) sets the part in SPI mode.
Pulse RESET high to reset the SPI registers to their default values.
A logic high (pull-up to DVDDIO) puts the device into pin mode (PINMD).
36
SCLK/CLKMD
Clock Input for Serial Port (SCLK). In SPI mode, this pin is the clock input for the serial port.
Clock Mode (CLKMD). In pin mode, CLKMD determines the phase of the internal retiming clock. When
DCLKIO = CLKIN, tie it to 0. When DCLKIO ≠ CLKIN, pulse 0 to 1 to edge trigger the internal retimer, see
the Retimer section.
37
SDIO/FORMAT
Serial Port Input/Output (SDIO). In SPI mode, this pin is the bidirectional data line for the serial port.
Format Pin (FORMAT). In pin mode, FORMAT determines the data format of digital data. A logic low (pull-down
to DVSS) selects the binary input data format. A logic high (pull-up to DVDDIO) selects the twos complement
input data format.
38
CS/PWRDN
Active Low Chip Select (CS). In SPI mode, this pin serves as the active low chip select.
Power-Down (PWRDN). In pin mode, a logic high (pull-up to DVDDIO) powers down the device, except for
the SPI port.
39
DB7 (MSB)
Digital Input (MSB).
40
DB6
Digital Input.
EP (EPAD)
The exposed pad is connected to AVSS and must be soldered to the ground plane. Exposed metal at the
package corners is connected to this pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com